Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBC Datasheet (PDF) - Exxelia Group

TBC Datasheet PDF - Exxelia Group
Part # TBC
Download  TBC Download
File Size   558.1 Kbytes
Page   12 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description Discoidal Capacitors

TBC Datasheet (PDF)

Go To PDF Page Download Datasheet
TBC Datasheet PDF - Exxelia Group

Part # TBC
Download  TBC Click to download

File Size   558.1 Kbytes
Page   12 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description Discoidal Capacitors

TBC Datasheet (HTML) - Exxelia Group


TBC Product details

FEATURES
• Discoidal Multilayer Ceramic Capacitors
• Diameters: 0.053’’ (1.35 mm)– 0.61’’ (15.5 mm)
• NPO and X7R dielectrics
• Very low ESL
• Capacitance range: 10pF to 12μF
• Voltage range: 25VDC to 1,000VDC




Similar Part No. - TBC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TBC ADVANTECH-TBC Datasheet
785Kb / 2P
LPWAN Connectivity Edge Intelligence Server
TBC ADVANTECH-TBC Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel Atom E3825
logo
France Joint
TBC FRANCEJOINT-TBC Datasheet
434Kb / 5P
STANDARD SHAFT SEALS
logo
Automatic Timing & Cont...
TBC ATC-TBC Datasheet
358Kb / 1P
On-Delay DIP Switch TDR
logo
Axiomtek Co., Ltd.
TBC AXIOMTEK-TBC Datasheet
489Kb / 2P
ATX Motherboard with LGA4677 Socket 5th/4th Gen Intel® Xeon® Scalable Processors, Intel® C741, 5 PCIe x16, VGA, IPMI, USB 3.2, and NVMe
Feb. 25, 2025.
More results


Similar Description - TBC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32321 TDK-B32321 Datasheet
393Kb / 10P
Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
Film capacitors - AC capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
Film Capacitors ??AC Capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
Film Capacitors ??AC capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
Film Capacitors ??AC Capacitors Motor run capacitors
B32335 TDK-B32335_16 Datasheet
258Kb / 9P
Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
Film Capacitors ??AC Capacitors Motor run capacitors
logo
API Technologies Corp
SCI-9945-125H APITECH-SCI-9945-125H Datasheet
128Kb / 1P
Rugged monolithic discoidal capacitor construction
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com