Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

49FCT3805DPYGI Datasheet (PDF) - Renesas Technology Corp

49FCT3805DPYGI Datasheet PDF - Renesas Technology Corp
Part # 49FCT3805DPYGI
Download  49FCT3805DPYGI Download
File Size   233.88 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER

49FCT3805DPYGI Datasheet (PDF)

Go To PDF Page Download Datasheet
49FCT3805DPYGI Datasheet PDF - Renesas Technology Corp

Part # 49FCT3805DPYGI
Download  49FCT3805DPYGI Click to download

File Size   233.88 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER

49FCT3805DPYGI Datasheet (HTML) - Renesas Technology Corp


49FCT3805DPYGI Product details

FEATURES:
• Advanced CMOS Technology
• Guaranteed low skew < 200ps (max.)
• Very low propagation delay < 2.5ns (max)
• Very low duty cycle distortion < 270ps (max)
• Very low CMOS power levels
• Operating frequency up to 166MHz
• TTL compatible inputs and outputs
• Inputs can be driven from 3.3V or 5V components
• Two independent output banks with 3-state control
• 1:5 fanout per bank
• "Heartbeat" monitor output
• VCC = 3.3V ± 0.3V
• Available in SSOP and QSOP packages




Similar Part No. - 49FCT3805DPYGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
49FCT3805D RENESAS-49FCT3805D Datasheet
394Kb / 20P
HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
49FCT3805D/E RENESAS-49FCT3805D/E Datasheet
473Kb / 20P
HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
More results


Similar Description - 49FCT3805DPYGI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P3805X ALSC-ASM2P3805X Datasheet
500Kb / 12P
3.3V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
3.3V CMOS 1-TO-5 CLOCK DRIVER
IDT49FCT3805D IDT-IDT49FCT3805D Datasheet
71Kb / 7P
3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P3805E PULSECORE-PCS2P3805E Datasheet
197Kb / 11P
3.3V CMOS Dual 1-To-5 Clock Driver
logo
Potato Semiconductor Co...
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com