Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR-103 Datasheet (PDF) - IET Labs Inc.

SR-103 Datasheet PDF - IET Labs Inc.
Part # SR-103
Download  SR-103 Download
File Size   218.71 Kbytes
Page   1 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Transportable Resistance Standards

SR-103 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR-103 Datasheet PDF - IET Labs Inc.

Part # SR-103
Download  SR-103 Click to download

File Size   218.71 Kbytes
Page   1 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Transportable Resistance Standards

SR-103 Datasheet (HTML) - IET Labs Inc.


SR-103 Product details

Features
• Resistance values of 100 Ω,
1000 Ω, or 10000 Ω
• High accuracy
• High stability - <0.5 ppm/year
• Low temperature coeffi cient --
<0.1 ppm/°C
• Built-in temperature sensor and
temperature-correction chart
• Oil-fi lled, hermetically sealed,
custom resistors
• Increased-stability option (DC) is
available to be used in an oil-bath




Similar Part No. - SR-103

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
SR-1050-10M IET-SR-1050-10M Datasheet
546Kb / 1P
High Accuracy Transfer Standard
04-01-2013
SR-1050-1M IET-SR-1050-1M Datasheet
546Kb / 1P
High Accuracy Transfer Standard
04-01-2013
More results


Similar Description - SR-103

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-1937 HARRIS-RF-1937 Datasheet
390Kb / 2P
HF TRANSPORTABLE GROUND STAKE ANTENNA
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
Compliant with European standards European standards power relays
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
SCS CALIBRATION STANDARDS
logo
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
PRODUCT PERFORMANCE STANDARDS
logo
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
INDUSTRY STANDARDS
logo
STMicroelectronics
AN2483 STMICROELECTRONICS-AN2483 Datasheet
48Kb / 6P
Video signal standards
15-May-2007
logo
IET Labs Inc.
SRAC IET-SRAC Datasheet
178Kb / 1P
ac Standard Resistance Working Standards
March 2020
SRL IET-SRL Datasheet
384Kb / 1P
High-Accuracy, High-Stability Resistance Standards
Dec. 2022
SRX IET-SRX Datasheet
288Kb / 2P
Standard Resistance Reference or Working Standards
Feb 2023
VRS-100 IET-VRS-100 Datasheet
213Kb / 2P
High Resistance Standards
April 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com