Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V71650 Datasheet (PDF) - Renesas Technology Corp

IDT72V71650 Datasheet PDF - Renesas Technology Corp
Part # IDT72V71650
Download  IDT72V71650 Download
File Size   460.03 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192

IDT72V71650 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V71650 Datasheet PDF - Renesas Technology Corp

Part # IDT72V71650
Download  IDT72V71650 Click to download

File Size   460.03 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192

IDT72V71650 Datasheet (HTML) - Renesas Technology Corp


IDT72V71650 Product details

FEATURES:
• 8K x 8K non-blocking switching at 16.384Mb/s
• 32 serial input and output streams
• Accepts data streams at 2.048Mb/s, 4.096Mb/s, 8.192Mb/s or
16.384Mb/s
• Per-channel Variable Delay Mode for low-latency applications
• Per-channel Constant Delay Mode for frame integrity applications
• Automatic identification of ST-BUS® and GCI bus interfaces
• Automatic frame offset delay measurement
• Per-stream frame delay offset programming
• Per-channel high-impedance output control
• Direct microprocessor access to all internal memories
• Memory block programming for quick setup
• IEEE-1149.1 (JTAG) Test Port
• 3.3V Power Supply
• Available in 144-pin (13mm x 13mm) Plastic Ball Grid Array (PBGA)p
• Operating Temperature Range -40°C to +85°C




Similar Part No. - IDT72V71650

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V71623 IDT-IDT72V71623 Datasheet
203Kb / 28P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2,048 x 2,048
IDT72V71623BC IDT-IDT72V71623BC Datasheet
203Kb / 28P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2,048 x 2,048
IDT72V71623DA IDT-IDT72V71623DA Datasheet
203Kb / 28P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2,048 x 2,048
IDT72V71643 IDT-IDT72V71643 Datasheet
219Kb / 30P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
logo
Renesas Technology Corp
IDT72V71643 RENESAS-IDT72V71643 Datasheet
656Kb / 31P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 4,096 x 4,096
JANUARY 2002
More results


Similar Description - IDT72V71650

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V73250 IDT-IDT72V73250 Datasheet
176Kb / 24P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
IDT72V71660 IDT-IDT72V71660 Datasheet
233Kb / 31P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
IDT72V70840 IDT-IDT72V70840_08 Datasheet
163Kb / 20P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
logo
Renesas Technology Corp
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
IDT72V73250 RENESAS-IDT72V73250 Datasheet
420Kb / 25P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
JUNE 2004
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com