Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V73250 Datasheet (PDF) - Renesas Technology Corp

IDT72V73250 Datasheet PDF - Renesas Technology Corp
Part # IDT72V73250
Download  IDT72V73250 Download
File Size   420.15 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192

IDT72V73250 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V73250 Datasheet PDF - Renesas Technology Corp

Part # IDT72V73250
Download  IDT72V73250 Click to download

File Size   420.15 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192

IDT72V73250 Datasheet (HTML) - Renesas Technology Corp


IDT72V73250 Product details

FEATURES:
• 8K x 8K non-blocking switching at 32.768Mb/s
• 16 serial input and output streams
• Accepts single-bit single-data streams at 32.768Mb/s
• Per-channel Variable Delay Mode for low-latency applications
• Per-channel Constant Delay Mode for frame integrity applications
• Automatic identification of ST-BUS® and GCI bus interfaces
• Automatic frame offset delay measurement
• Per-stream single data frame delay offset programming
• Per-channel high-impedance output control
• Direct microprocessor access to all internal memories
• Memory block programming for quick setup
• IEEE-1149.1 (JTAG) Test Port
• 3.3V Power Supply
• Available in 144-pin (20mm x 20mm) Thin Quad Flatpack (TQFP)
and 144-pin (13mm x 13mm) Plastic Ball Grid Array (PBGA)
• Operating Temperature Range -40°C to +85°C




Similar Part No. - IDT72V73250

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V73250 IDT-IDT72V73250 Datasheet
176Kb / 24P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
IDT72V73250BB IDT-IDT72V73250BB Datasheet
176Kb / 24P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
IDT72V73250DA IDT-IDT72V73250DA Datasheet
176Kb / 24P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
More results


Similar Description - IDT72V73250

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V73250 IDT-IDT72V73250 Datasheet
176Kb / 24P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
IDT72V71660 IDT-IDT72V71660 Datasheet
233Kb / 31P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
IDT72V70840 IDT-IDT72V70840_08 Datasheet
163Kb / 20P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
logo
Renesas Technology Corp
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
IDT72V71650 RENESAS-IDT72V71650 Datasheet
460Kb / 29P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
JUNE 2004
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com