Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG6002EJ Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG6002EJ Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG6002EJ
Download  PMEG6002EJ Download
File Size   254.84 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 0.2 A low VF Schottky barrier rectifier

PMEG6002EJ Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG6002EJ Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG6002EJ
Download  PMEG6002EJ Click to download

File Size   254.84 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 0.2 A low VF Schottky barrier rectifier

PMEG6002EJ Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG6002EJ Product details

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in
an SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Average forward current: IF(AV) ≤ 0.2 A
• Reverse voltage: VR ≤ 60 V
• Low forward voltage
• Small and flat lead SMD plastic package

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch Mode Power Supply (SMPS)
• Reverse polarity protection
• Ultra high-speed switching
• Low power consumption applications




Similar Part No. - PMEG6002EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG6002EJ NXP-PMEG6002EJ Datasheet
104Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
logo
Nexperia B.V. All right...
PMEG6002EJ-Q NEXPERIA-PMEG6002EJ-Q Datasheet
254Kb / 13P
200 mA low Vf MEGA Schottky barrier rectifier
3 May 2022
More results


Similar Description - PMEG6002EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2002AESF PHILIPS-PMEG2002AESF_15 Datasheet
197Kb / 14P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
22 January 2014
PMEG3002AESF PHILIPS-PMEG3002AESF_15 Datasheet
192Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
13 February 2015
logo
Nexperia B.V. All right...
PMEG2002AESFB NEXPERIA-PMEG2002AESFB Datasheet
206Kb / 13P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG6002ELD NEXPERIA-PMEG6002ELD Datasheet
704Kb / 14P
60 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002ESF NEXPERIA-PMEG2002ESF Datasheet
211Kb / 13P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG3002AESF NEXPERIA-PMEG3002AESF Datasheet
213Kb / 13P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG6002EB-Q NEXPERIA-PMEG6002EB-Q Datasheet
184Kb / 8P
60 V, 0.2 A very low VF MEGA Schottky barrier rectifier
26 April 2022
PMEG4002EL-Q NEXPERIA-PMEG4002EL-Q Datasheet
180Kb / 8P
40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
30 September 2021
PMEG4002EL NEXPERIA-PMEG4002EL Datasheet
206Kb / 8P
40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
1 October 2022
PMEG4002ELD NEXPERIA-PMEG4002ELD Datasheet
1Mb / 14P
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 20 April 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com