Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG6010ETR Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG6010ETR Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG6010ETR
Download  PMEG6010ETR Download
File Size   291.88 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High temperature 60 V, 1 A low VF Schottky barrier rectifier

PMEG6010ETR Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG6010ETR Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG6010ETR
Download  PMEG6010ETR Click to download

File Size   291.88 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High temperature 60 V, 1 A low VF Schottky barrier rectifier

PMEG6010ETR Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG6010ETR Product details

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in
a SOD123W small and flat lead Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Average forward current: IF(AV) ≤ 1 A
• Reverse voltage: VR ≤ 60 V
• Extremely low leakage current
• Low forward voltage
• High power capability due to clip-bonding technology
• Small and flat lead SMD plastic package
• High temperature Tj ≤ 175 °C

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Reverse polarity protection




Similar Part No. - PMEG6010ETR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG6010ETR NXP-PMEG6010ETR Datasheet
205Kb / 13P
High-temperature 60 V, 1 A Schottky barrier rectifier
10 October 2012
logo
Nexperia B.V. All right...
PMEG6010ETR-Q NEXPERIA-PMEG6010ETR-Q Datasheet
267Kb / 14P
High temperature 60 V, 1 A low VF Schottky barrier rectifier
22 December 2022
More results


Similar Description - PMEG6010ETR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG6010CEGW NEXPERIA-PMEG6010CEGW Datasheet
686Kb / 12P
60 V, 1 A Low VF MEGA Schottky barrier rectifier
PMEG6010AESB NEXPERIA-PMEG6010AESB Datasheet
699Kb / 15P
60 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG6010ESB NEXPERIA-PMEG6010ESB Datasheet
743Kb / 15P
60 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG6010CEGW-Q NEXPERIA-PMEG6010CEGW-Q Datasheet
226Kb / 10P
60 V, 1 A Low VF Schottky barrier rectifier
13 October 2022
PMEG6010CEH NEXPERIA-PMEG6010CEH Datasheet
190Kb / 9P
60 V, 1 A very low VF Schottky barrier rectifier
5 January 2023
PMEG6010ER-Q NEXPERIA-PMEG6010ER-Q Datasheet
264Kb / 13P
60 V, 1 A low VF Schottky barrier rectifier
16 November 2022
PMEG6010ETR-Q NEXPERIA-PMEG6010ETR-Q Datasheet
267Kb / 14P
High temperature 60 V, 1 A low VF Schottky barrier rectifier
22 December 2022
PMEG6020ETR-Q NEXPERIA-PMEG6020ETR-Q Datasheet
268Kb / 14P
High temperature 60 V, 2 A low VF Schottky barrier rectifier
22 December 2022
PMEG6010EP NEXPERIA-PMEG6010EP Datasheet
256Kb / 12P
60 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG6020ETR NEXPERIA-PMEG6020ETR Datasheet
292Kb / 14P
High temperature 60 V, 2 A low VF Schottky barrier rectifier
1 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com