Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG6020EP Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG6020EP Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG6020EP
Download  PMEG6020EP Download
File Size   254.75 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 2 A low VF Schottky barrier rectifier

PMEG6020EP Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG6020EP Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG6020EP
Download  PMEG6020EP Click to download

File Size   254.75 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 2 A low VF Schottky barrier rectifier

PMEG6020EP Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG6020EP Product details

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in
a SOD128 small and flat lead Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Average forward current: IF(AV) ≤ 2 A
• Reverse voltage: VR ≤ 60 V
• Low forward voltage
• High power capability due to clip-bond technology
• Small and flat lead SMD plastic package
• Suitable for both reflow and wave soldering

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch Mode Power Supply (SMPS)
• Reverse polarity protection
• Low power consumption applications




Similar Part No. - PMEG6020EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG6020EP PHILIPS-PMEG6020EP Datasheet
317Kb / 14P
2 A low VF MEGA Schottky barrier rectifier
Rev. 01-17 March 2010
logo
Nexperia B.V. All right...
PMEG6020EP-Q NEXPERIA-PMEG6020EP-Q Datasheet
255Kb / 12P
60 V, 2 A low VF Schottky barrier rectifier
20 February 2023
logo
NXP Semiconductors
PMEG6020EPA PHILIPS-PMEG6020EPA Datasheet
164Kb / 14P
2 A low VF MEGA Schottky barrier rectifier
Rev. 2-17 June 2010
logo
Nexperia B.V. All right...
PMEG6020EPA NEXPERIA-PMEG6020EPA Datasheet
277Kb / 15P
2 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 17 June 2010
PMEG6020EPA-Q NEXPERIA-PMEG6020EPA-Q Datasheet
254Kb / 12P
60 V, 2 A low VF Schottky barrier rectifier
10 September 2024
More results


Similar Description - PMEG6020EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG6020EPAS PHILIPS-PMEG6020EPAS_15 Datasheet
231Kb / 15P
60 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG6020EPAS NEXPERIA-PMEG6020EPAS Datasheet
713Kb / 15P
60 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG6010CEGW-Q NEXPERIA-PMEG6010CEGW-Q Datasheet
226Kb / 10P
60 V, 1 A Low VF Schottky barrier rectifier
13 October 2022
PMEG6020EP-Q NEXPERIA-PMEG6020EP-Q Datasheet
255Kb / 12P
60 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG6020ER-Q NEXPERIA-PMEG6020ER-Q Datasheet
262Kb / 13P
60 V, 2 A low VF Schottky barrier rectifier
16 November 2022
PMEG6020ETR-Q NEXPERIA-PMEG6020ETR-Q Datasheet
268Kb / 14P
High temperature 60 V, 2 A low VF Schottky barrier rectifier
22 December 2022
PMEG060V100EPE-Q NEXPERIA-PMEG060V100EPE-Q Datasheet
259Kb / 11P
60 V, 10 A low VF Schottky barrier rectifier
15 July 2022
PMEG060V050EPE NEXPERIA-PMEG060V050EPE Datasheet
257Kb / 11P
60 V, 5 A low VF Schottky barrier rectifier
19 July 2022
PMEG6002EJ NEXPERIA-PMEG6002EJ Datasheet
254Kb / 12P
60 V, 0.2 A low VF Schottky barrier rectifier
2 January 2023
PMEG6020ETR NEXPERIA-PMEG6020ETR Datasheet
292Kb / 14P
High temperature 60 V, 2 A low VF Schottky barrier rectifier
1 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com