Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMR1102S Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

TMR1102S Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # TMR1102S
Download  TMR1102S Download
File Size   1118.86 Kbytes
Page   8 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description MicroAmpere High Frequency Response Unipolar Magnetic Switch Sensor

TMR1102S Datasheet (PDF)

Go To PDF Page Download Datasheet
TMR1102S Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # TMR1102S
Download  TMR1102S Click to download

File Size   1118.86 Kbytes
Page   8 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description MicroAmpere High Frequency Response Unipolar Magnetic Switch Sensor

TMR1102S Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


TMR1102S Product details

Description
TMR1102 is a unipolar magnetic switch integrated
the tunneling magnetoresistance (TMR) magnetic
sensor and CMOS circuitry, which is able to detect
the change of magnetic field and output high and low
voltage signals for high accuracy position detection.
Unlike Hall/AMR sensors, TMR sensors with extremely
high resistance values allows TMR1102 to achieve
the supply current as low as 1.5 μA while operating
in the full-time power supply mode, and maintaining
the response frequency of the magnetic signal is 1
kHz. Therefore, TMR1102 can provide true continuous
detection of magnetic field signals, avoiding sampling
errors from the traditional time-sharing power supply
mode.

Features and benefits
•• Tunneling magnetoresistance (TMR) technology
•• Low power consumption: supply current 1.5 μA
•• High frequency response: typ. 1 kHz
•• Unipolar operation
••Wide range supply voltages: 1.8 V to 5.5 V
•• CMOS push-pull output
•• High sensitivity
•• Excellent temperature stability
•• High tolerance to external magnetic field interference
•• RoHS & REACH compliant

Applications
•• Utility meters: water, gas, and heat meters
•• Proximity switches
•• Speed sensing
•• Linear and rotation position sensing
••Wake-up switch




Similar Part No. - TMR1102S

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
TMR1148 MULTIDIMENSION-TMR1148 Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Unipolar Magnetic Switch Sensor
Version 2.0
TMR1148S MULTIDIMENSION-TMR1148S Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Unipolar Magnetic Switch Sensor
Version 2.0
logo
American Electronic Com...
TMR1155 AEC-TMR1155 Datasheet
625Kb / 6P
TMR Z-Axis Unipolar
logo
MultiDimension Technolo...
TMR1155 MULTIDIMENSION-TMR1155 Datasheet
742Kb / 5P
TMR Z Axis Unipolar Switch
V1.1a
TMR1157 MULTIDIMENSION-TMR1157 Datasheet
734Kb / 5P
TMR Z Axis Unipolar Switch
V1.1a
More results


Similar Description - TMR1102S

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
TMR265X MULTIDIMENSION-TMR265X Datasheet
505Kb / 8P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
TMR1148 MULTIDIMENSION-TMR1148 Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Unipolar Magnetic Switch Sensor
Version 2.0
TMR1202 MULTIDIMENSION-TMR1202 Datasheet
1Mb / 10P
MicroAmpere High Frequency Response Bipolar Latching Magnetic Switch Sensor
Version 2.2.1
TMR1222 MULTIDIMENSION-TMR1222 Datasheet
1Mb / 9P
MicroAmpere High Frequency Response Dual-Axis Bipolar Magnetic Switch Sensor
Version 2.0.1
TMR1302S MULTIDIMENSION-TMR1302S Datasheet
1Mb / 13P
MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor
Version 2.2
TMR1340BS MULTIDIMENSION-TMR1340BS Datasheet
1Mb / 13P
MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor
Version 2.1
TMR1348 MULTIDIMENSION-TMR1348 Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor
Version 2.0.1
TMR13D3S MULTIDIMENSION-TMR13D3S Datasheet
1Mb / 11P
MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor
Version 2.0.1
TMR2185 MULTIDIMENSION-TMR2185 Datasheet
701Kb / 7P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
TMR2651D MULTIDIMENSION-TMR2651D Datasheet
505Kb / 8P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com