Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1411068 Datasheet (PDF) - PHOENIX CONTACT

1411068 Datasheet PDF - PHOENIX CONTACT
Part # 1411068
Download  1411068 Download
File Size   501.83 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MSD-4QO SH PN - Data connector

1411068 Datasheet (PDF)

Go To PDF Page Download Datasheet
1411068 Datasheet PDF - PHOENIX CONTACT

Part # 1411068
Download  1411068 Click to download

File Size   501.83 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MSD-4QO SH PN - Data connector

1411068 Datasheet (HTML) - PHOENIX CONTACT


1411068 Product details

Data connector, PROFINET CAT5 (100 Mbps), 4-position, halogen-free, shielded, Plug straight
M12, D, Insulation displacement connection, knurl material: Zinc die-cast, nickel-plated, external
cable diameter 5 mm ... 9.7 mm

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Insulation displacement connection: innovative and time-saving assembly without stripping the single wire
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1411068

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411060 PHOENIX-1411060 Datasheet
71Kb / 3P
Housing - HC-HPR-B16-BFH-EMR-BK
logo
Weidmuller
1411060000 WEIDMULLER-1411060000 Datasheet
744Kb / 20P
Component Carriers and Housings
1411060000 WEIDMULLER-1411060000 Datasheet
733Kb / 20P
Component Carriers and Housings
logo
Silicon Laboratories
1411061 SILABS-1411061 Datasheet
64Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
PHOENIX CONTACT
1411061 PHOENIX-1411061 Datasheet
64Kb / 3P
Housing - HC-HPR-B24-HHWH-1STM40-EM-BK
More results


Similar Description - 1411068

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1543223 PHOENIX-1543223 Datasheet
111Kb / 7P
Data connector - SACC-M12MSD-4Q SH
09/11/2020
1554513 PHOENIX-1554513 Datasheet
116Kb / 8P
Data connector - SACC-M12MSD-4Q SH PN
09/11/2020
1554539 PHOENIX-1554539 Datasheet
122Kb / 8P
Data connector - SACC-M12MRD-4Q SH PN
09/11/2020
1554542 PHOENIX-1554542 Datasheet
121Kb / 8P
Data connector - SACC-M12FRD-4Q SH PN
09/11/2020
1411066 PHOENIX-1411066 Datasheet
502Kb / 14P
SACC-M12MSD-4QO SH ETH - Data connector
1411069 PHOENIX-1411069 Datasheet
501Kb / 14P
SACC-M12FSD-4QO SH ETH - Data connector
1411071 PHOENIX-1411071 Datasheet
500Kb / 14P
SACC-M12FSD-4QO SH PN - Data connector
1554526 PHOENIX-1554526 Datasheet
472Kb / 14P
SACC-M12FSD-4Q SH PN - Data connector
1424685 PHOENIX-1424685 Datasheet
669Kb / 19P
SACC-M12FRD-4PL SH PN - Data connector
1413933 PHOENIX-1413933 Datasheet
605Kb / 14P
SACC-M12MS-4QO SH PBPA - Data connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com