Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1424685 Datasheet (PDF) - PHOENIX CONTACT

1424685 Datasheet PDF - PHOENIX CONTACT
Part # 1424685
Download  1424685 Download
File Size   669.12 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FRD-4PL SH PN - Data connector

1424685 Datasheet (PDF)

Go To PDF Page Download Datasheet
1424685 Datasheet PDF - PHOENIX CONTACT

Part # 1424685
Download  1424685 Click to download

File Size   669.12 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FRD-4PL SH PN - Data connector

1424685 Datasheet (HTML) - PHOENIX CONTACT


1424685 Product details

Data connector, PROFINET CAT5 (100 Mbps), 4-position, shielded, Socket angled M12, D,
Push-lock spring connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter
4 mm ... 8 mm

Your advantages
• Time-saving Push-Lock connection: Tool-free connection and disconnection of conductors by opening the contact levers
• Intuitive connection: Easy assignment of individual litz wires with color-coded and numerical identification of the contact levers
• Integrated Push-in Technology: Wire rigid and pretreated conductors easily by means of simple, direct insertion
• Shock- and vibration-resistant connection: Proven spring-cage technology guarantees secure and reliable contacting
• Safely shielded: Reliable 360° shield connection even under extreme mechanical strain
• Flexible cable outlets with angled connectors




Similar Part No. - 1424685

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424680 PHOENIX-1424680 Datasheet
1Mb / 9P
SACC-M12FSB-2PL SH PB - Data connector
1424681 PHOENIX-1424681 Datasheet
1Mb / 18P
SACC-M12FRB-2PL SH PB - Data connector
1424682 PHOENIX-1424682 Datasheet
93Kb / 4P
Conveniently connect stranded conductors, thanks to lever
1424683 PHOENIX-1424683 Datasheet
94Kb / 4P
Conveniently connect stranded conductors, thanks to lever
1424684 PHOENIX-1424684 Datasheet
96Kb / 4P
Easy and tool-free connection by means of Push-in Technology
More results


Similar Description - 1424685

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1554513 PHOENIX-1554513 Datasheet
116Kb / 8P
Data connector - SACC-M12MSD-4Q SH PN
09/11/2020
1554539 PHOENIX-1554539 Datasheet
122Kb / 8P
Data connector - SACC-M12MRD-4Q SH PN
09/11/2020
1554542 PHOENIX-1554542 Datasheet
121Kb / 8P
Data connector - SACC-M12FRD-4Q SH PN
09/11/2020
1411068 PHOENIX-1411068 Datasheet
501Kb / 14P
SACC-M12MSD-4QO SH PN - Data connector
1411071 PHOENIX-1411071 Datasheet
500Kb / 14P
SACC-M12FSD-4QO SH PN - Data connector
1323169 PHOENIX-1323169 Datasheet
198Kb / 4P
SACC-M8MSD-4PL-CL SH PN - Data connector
1328199 PHOENIX-1328199 Datasheet
198Kb / 4P
SACC-M8FSD-4PL-CL SH PN - Data connector
1554526 PHOENIX-1554526 Datasheet
472Kb / 14P
SACC-M12FSD-4Q SH PN - Data connector
1424669 PHOENIX-1424669 Datasheet
637Kb / 18P
SACC-M12FR-4PL SH - Connector
1422848 PHOENIX-1422848 Datasheet
535Kb / 17P
SACC-M12FSD-4CT-CM SH PN - Data connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com