Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT77V400 Datasheet (PDF) - Renesas Technology Corp

IDT77V400 Datasheet PDF - Renesas Technology Corp
Part # IDT77V400
Download  IDT77V400 Download
File Size   1079.18 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory

IDT77V400 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT77V400 Datasheet PDF - Renesas Technology Corp

Part # IDT77V400
Download  IDT77V400 Click to download

File Size   1079.18 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory

IDT77V400 Datasheet (HTML) - Renesas Technology Corp


IDT77V400 Product details

Features List
! Single chip supports an 8 x 8 port switch at 155Mbps per
port
! Central Memory Architecture eliminates Head-of-Line
Blocking by sharing the memory array with all ports
! Low power dissipation
– 330mW (typ.)
! Data Path Interface (DPI) provides configurable Input and
Output ports; up to 8 receive and 8 transmit ports at
155Mbps
! Supports data rates up to 1.2Gbps with a 32-bit wide port
configuration; 155Mbps per 4-bit port
! Can be cascaded for larger switch configurations
! Fast Input/Output port cycle times
! Expander and Concentrator function is fully supported by
the Input and Output port configuration options
! 8192 cells (52 to 56 bytes each) of on-chip buffer memory
capacity




Similar Part No. - IDT77V400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT77V400 ETC1-IDT77V400 Datasheet
612Kb / 26P
SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
IDT77V400S156BC ETC1-IDT77V400S156BC Datasheet
612Kb / 26P
SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
IDT77V400S156BC1 ETC1-IDT77V400S156BC1 Datasheet
612Kb / 26P
SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
IDT77V400S156DS ETC1-IDT77V400S156DS Datasheet
612Kb / 26P
SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
IDT77V400S156DS1 ETC1-IDT77V400S156DS1 Datasheet
612Kb / 26P
SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
More results


Similar Description - IDT77V400

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
logo
List of Unclassifed Man...
IDT77V400 ETC1-IDT77V400 Datasheet
612Kb / 26P
SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
logo
Integrated Device Techn...
IDT77V500 IDT-IDT77V500 Datasheet
458Kb / 17P
SwitchStar ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
logo
JFW Industries, Inc.
50MS-252 JFW-50MS-252 Datasheet
27Kb / 1P
8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-288 JFW-50MS-288_18 Datasheet
32Kb / 2P
8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-299 JFW-50MS-299_18 Datasheet
32Kb / 2P
8 X 4 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-300 JFW-50MS-300_18 Datasheet
32Kb / 2P
8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-335 JFW-50MS-335_18 Datasheet
32Kb / 2P
8 X 16 NON-BLOCKING SOLID STATE MATRIX SWITCH
75MS-029 JFW-75MS-029 Datasheet
37Kb / 2P
2 x 8 BLOCKING SWITCH MATRIX
logo
Renesas Technology Corp
IDT77V500 RENESAS-IDT77V500 Datasheet
643Kb / 18P
SwitchStarTM ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
April 11, 2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com