Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT77V500 Datasheet (PDF) - Renesas Technology Corp

IDT77V500 Datasheet PDF - Renesas Technology Corp
Part # IDT77V500
Download  IDT77V500 Download
File Size   643.91 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SwitchStarTM ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller

IDT77V500 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT77V500 Datasheet PDF - Renesas Technology Corp

Part # IDT77V500
Download  IDT77V500 Click to download

File Size   643.91 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SwitchStarTM ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller

IDT77V500 Datasheet (HTML) - Renesas Technology Corp


IDT77V500 Product details

 Single chip controller for IDT77V400 Switching Memory
 One IDT77V500 and one IDT77V400 form the core required
for a 1.2Gbps 8 x 8 port non-blocking switch
 Supports up to 8192 Virtual Connections (VCs)
 Per VC queuing for fairness, with four priorities per VC
available for each output port of the switch
 Capable of supporting CBR, VBR, UBR, and ABR (EFCI)
service classes
 Low power dissipation
– 430mW (typ.)
 Optional header modification operation
 Multicasting and Broadcasting capability
 Provides congestion management support through EFCI,
CLP, and EPD functionality
 System clock cycle times as fast as 25ns (40MHz)
 Option available for resolving contention issues between
multiple IDT77V500 configurations




Similar Part No. - IDT77V500

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V500 IDT-IDT77V500 Datasheet
458Kb / 17P
SwitchStar ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
IDT77V500S25BCI IDT-IDT77V500S25BCI Datasheet
458Kb / 17P
SwitchStar ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
IDT77V500S25PFI IDT-IDT77V500S25PFI Datasheet
458Kb / 17P
SwitchStar ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
More results


Similar Description - IDT77V500

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92500 MOTOROLA-MC92500 Datasheet
261Kb / 42P
ATM Cell Processor
logo
NEC
UPD98405 NEC-UPD98405 Datasheet
333Kb / 64P
155M ATM INTEGRATED SAR CONTROLLER
logo
List of Unclassifed Man...
IDT77V400 ETC1-IDT77V400 Datasheet
612Kb / 26P
SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
IDT77V550 ETC1-IDT77V550 Datasheet
129Kb / 19P
SwitchStarTM Switch Manager
logo
Integrated Device Techn...
IDT77V500 IDT-IDT77V500 Datasheet
458Kb / 17P
SwitchStar ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
logo
Actel Corporation
MC-ACT-UL2PHY ACTEL-MC-ACT-UL2PHY Datasheet
231Kb / 4P
ATM cell processors ATM switch fabrics
logo
JFW Industries, Inc.
50MS-304 JFW-50MS-304 Datasheet
86Kb / 1P
6x6 NON-BLOCKING MATRIX SWITCH
50MS-335 JFW-50MS-335 Datasheet
72Kb / 1P
8x16 NON-BLOCKING MATRIX SWITCH
logo
Renesas Technology Corp
IDT77V400 RENESAS-IDT77V400 Datasheet
1Mb / 27P
SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
IDT77V550 RENESAS-IDT77V550 Datasheet
326Kb / 20P
SwitchStarTM Switch Manager
June 22, 2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com