Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1408L Datasheet (PDF) - Analog Devices

ADG1408L Datasheet PDF - Analog Devices
Part # ADG1408L
Download  ADG1408L Download
File Size   857.47 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance

ADG1408L Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1408L Datasheet PDF - Analog Devices

Part # ADG1408L
Download  ADG1408L Click to download

File Size   857.47 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance

ADG1408L Datasheet (HTML) - Analog Devices


ADG1408L Product details

FEATURES
► 4.7 Ω maximum on resistance at 25°C at ±15 V dual supply
► 0.5 Ω typical on-resistance flatness at 25°C at ±15 V dual supply
► Fully specified at ±15 V, +12 V, and ±5 V
► VL supply for low-logic level compatibility
► 1.8 V JEDEC standard compliant (JESD8-7A)
► 1.2 V JEDEC standard compliant (JESD8-12A.01)
► Rail-to-rail operation
► Break-before-make switching action
► 24-lead, 4 mm × 4 mm LFCSP

APPLICATIONS
► FPGA and microcontroller systems
► Relay replacement
► Audio and video routing
► Automatic test equipment
► Data acquisition systems
► Communication systems

GENERAL DESCRIPTION
The ADG1408L is a monolithic iCMOS® eight channel analog multiplexer.
The ADG1408L switches one of eight inputs to a common
output, as determined by the 3-bit binary address lines, A0, A1, and
A2. An EN input is used to enable or disable the device. When
disabled, all channels are switched off. When on, each channel
conducts equally well in both directions and has an input signal
range that extends to the supplies.
An external low voltage VL supply provides flexibility for lower logic
control. The ADG1408L is both 1.2 V and 1.8 V JEDEC standardcompliant.




Similar Part No. - ADG1408L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1408 AD-ADG1408 Datasheet
919Kb / 16P
5???ax Ron, 4-/8-Channel 짹15V/12V/짹5V Multiplexers
ADG1408YCPZ-REEL7 AD-ADG1408YCPZ-REEL7 Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
logo
Texas Instruments
ADG1408YRUZ TI1-ADG1408YRUZ Datasheet
2Mb / 35P
Multi-Cal-System Evaluation Module
logo
Analog Devices
ADG1408YRUZ AD-ADG1408YRUZ Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
ADG1408YRUZ-REEL AD-ADG1408YRUZ-REEL Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
More results


Similar Description - ADG1408L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
4/06-Revision 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
logo
Texas Instruments
TMUX6208 TI-TMUX6208_V01 Datasheet
2Mb / 49P
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX6208 TI-TMUX6208_V02 Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX8108 TI-TMUX8108_V02 Datasheet
2Mb / 39P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1412L AD-ADG1412L Datasheet
899Kb / 19P
1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
EVAL-ADG1634L AD-EVAL-ADG1634L Datasheet
851Kb / 9P
Evaluating the ADG1634L 4.7 Ω RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1206L AD-ADG1206L Datasheet
1,003Kb / 23P
Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1534 AD-ADG1534 Datasheet
567Kb / 15P
4.5 Ω RON, 1.8 V Logic-Compatible Quad SPDT Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com