Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

853S058AGILF Datasheet (PDF) - Renesas Technology Corp

853S058AGILF Datasheet PDF - Renesas Technology Corp
Part # 853S058AGILF
Download  853S058AGILF Download
File Size   433.67 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer

853S058AGILF Datasheet (PDF)

Go To PDF Page Download Datasheet
853S058AGILF Datasheet PDF - Renesas Technology Corp

Part # 853S058AGILF
Download  853S058AGILF Click to download

File Size   433.67 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer

853S058AGILF Datasheet (HTML) - Renesas Technology Corp


853S058AGILF Product details

Features
• High speed 8:1 differential muliplexer
• One differential 3.3V or 2.5V LVPECL output pair
• Eight selectable differential PCLKx, nPCLKx input pairs
• Differential PCLKx, nPCLKx pairs can accept the following
interface levels: LVPECL, LVDS, SSTL,CML
• Maximum output frequency: 2.5GHz
• Translates any single ended input signal to LVPECL levels with
resistor bias on nPCLKx input
• Additive phase jitter, RMS: 0.075ps (typical)
• Part-to-part skew: 350ps (maximum)
• Propagation delay: 600ps (maximum)
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3.465V to -2.375V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 853S058AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S058 IDT-853S058 Datasheet
237Kb / 19P
Maximum output frequency
More results


Similar Description - 853S058AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85357-01 ICST-ICS85357-01 Datasheet
120Kb / 12P
4:1 OR 2:1 DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
REV. A JULY 16, 2001
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
REV. A OCTOBER 7, 2004
ICS853054 ICST-ICS853054 Datasheet
207Kb / 15P
4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
853S057 RENESAS-853S057 Datasheet
696Kb / 16P
4:1, Differential-To-3.3V, 2.5V LVPECL/ECL Clock Data Multiplexer
AUGUST 13, 2021
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
85356 RENESAS-85356 Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com