Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1030 Datasheet (PDF) - G.M. International

D1030 Datasheet PDF - G.M. International
Part # D1030
Download  D1030 Download
File Size   297.39 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1030S, D1030D

D1030 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1030 Datasheet PDF - G.M. International

Part # D1030
Download  D1030 Click to download

File Size   297.39 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1030S, D1030D

D1030 Datasheet (HTML) - G.M. International


D1030 Product details

Features
SIL 2 according to to IEC 61508:2010 (Route 2H) with
Tproof = 5 / 10 years (≤10% / >10 % of total SIF).
SC2: Systematic Capability SIL2.
Input from Zone 0 (Zone 20), Division 1,
installation in Zone 2, Division 2.
NO/NC contact/proximity Detector Input.
Two SPDT Relay Output Signals.
SPDT Relay Output for fault detection on
single channel version.
Three port isolation, Input/Output/Supply.
EMC Compatibility to EN61000-6-2, EN61000-6-4,
EN61326-1.
In-field programmability by DIP Switch.
ATEX, IECEx, UL & C-UL, FM & FM-C, INMETRO,
EAC-EX, UKR TR n. 898, TÜV Certifications.
Type Approval Certificate DNV and KR for
maritime applications.
High Reliability, SMD components.
High Density, two channels per unit.
Simplified installation using standard
DIN Rail and plug-in terminal blocks.
250 Vrms (Um) max. voltage allowed to the
instruments associated with the barrier.




Similar Part No. - D1030

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D1030N INFINEON-D1030N Datasheet
235Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
2008-09-15 revision:3.0
logo
Seme LAB
D1030UK SEME-LAB-D1030UK Datasheet
18Kb / 2P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 400W - 28V - 175MHz PUSH-PULL
More results


Similar Description - D1030

ManufacturerPart #DatasheetDescription
logo
G.M. International
D1010 GMI-D1010 Datasheet
366Kb / 4P
SIL 2 Repeater Power Supply Smart-Hart compatible DIN-Rail Models
D1014 GMI-D1014 Datasheet
295Kb / 2P
SIL 2 Repeater Power Supply Hart compatible DIN-Rail
D1031 GMI-D1031 Datasheet
307Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Transistor Output DIN-Rail Models D1031D, D1031Q
D1032 GMI-D1032 Datasheet
304Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1032D, D1032Q
D1033 GMI-D1033 Datasheet
340Kb / 2P
SIL 2 Switch/Proximity Detector SIL 2 Switch/Proximity Detector Models D1033D, D1033Q
D1022 GMI-D1022 Datasheet
276Kb / 2P
Loop Powered Current Repeater DIN-Rail Models D1022S, D1022D
D1034 GMI-D1034 Datasheet
292Kb / 2P
SIL 3 Switch/Proximity Detector Interface DIN-Rail Models D1034S, D1034D
D1092 GMI-D1092 Datasheet
282Kb / 3P
SIL 3 Relay Output Module DIN-Rail Models D1092S, D1092D
D1130 GMI-D1130 Datasheet
292Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1130S, D1130D
D2052 GMI-D2052 Datasheet
257Kb / 2P
Relay Output Repeater DIN-Rail Model D2052M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com