Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1130 Datasheet (PDF) - G.M. International

D1130 Datasheet PDF - G.M. International
Part # D1130
Download  D1130 Download
File Size   292.43 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1130S, D1130D

D1130 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1130 Datasheet PDF - G.M. International

Part # D1130
Download  D1130 Click to download

File Size   292.43 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1130S, D1130D

D1130 Datasheet (HTML) - G.M. International


D1130 Product details

General Description:
The Switch/Proximity Detector Repeater type D1130 is a DIN Rail unit with one or two
independent channels. The unit can be configured for contact or proximity detector,
NO or NC and for NE or ND SPDT relay output contact.
Each channel enables a Safe Area load to be controlled by a switch, or a proximity
detector, located in Hazardous Area.

Features:
SIL 2 according to IEC 61508:2010 (Route 2H) with
Tproof = 5 / 10 years (≤10% / >10 % of total SIF).
SC2: Systematic Capability SIL2.
Input from Zone 0 (Zone 20), Division 1,
installation in Zone 2, Division 2.
Universal AC supply voltage
85 to 250 Vac, 48 to 400 Hz).
NO/NC contact/proximity Detector Input.
Two SPDT Relay Output Signals.
SPDT Relay Output for fault detection on
single channel version.
Three port isolation, Input/Output/Supply.
EMC Compatibility to EN61000-6-2, EN61000-6-4, EN61326-1
In-field programmability by DIP Switch.
ATEX, IECEx, UL & C-UL, FM & FM-C, INMETRO, EAC-EX,
UKR TR n. 898, TÜV Certifications.
Type Approval Certificate DNV and KR for
maritime applications.
High Reliability, SMD components.
High Density, two channels per unit.
Simplified installation using standard
DIN Rail and plug-in terminal blocks.
250 Vrms (Um) max. voltage allowed to the
instruments associated with the barrier.




Similar Part No. - D1130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D113 ETC2-D113 Datasheet
45Kb / 8P
Control/Communicators
logo
MicroPower Direct, LLC
D113 MPD-D113 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Tyco Electronics
D11315-000 MACOM-D11315-000 Datasheet
364Kb / 10P
5mm Series Metal Oxide Varistors
logo
eupec GmbH
D1131SH EUPEC-D1131SH Datasheet
218Kb / 10P
Fast Hard Drive Diod e
logo
Infineon Technologies A...
D1131SH INFINEON-D1131SH Datasheet
291Kb / 11P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 8.0
More results


Similar Description - D1130

ManufacturerPart #DatasheetDescription
logo
G.M. International
D1010 GMI-D1010 Datasheet
366Kb / 4P
SIL 2 Repeater Power Supply Smart-Hart compatible DIN-Rail Models
D1014 GMI-D1014 Datasheet
295Kb / 2P
SIL 2 Repeater Power Supply Hart compatible DIN-Rail
D1030 GMI-D1030 Datasheet
297Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1030S, D1030D
D1031 GMI-D1031 Datasheet
307Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Transistor Output DIN-Rail Models D1031D, D1031Q
D1032 GMI-D1032 Datasheet
304Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1032D, D1032Q
D1033 GMI-D1033 Datasheet
340Kb / 2P
SIL 2 Switch/Proximity Detector SIL 2 Switch/Proximity Detector Models D1033D, D1033Q
D1022 GMI-D1022 Datasheet
276Kb / 2P
Loop Powered Current Repeater DIN-Rail Models D1022S, D1022D
D1034 GMI-D1034 Datasheet
292Kb / 2P
SIL 3 Switch/Proximity Detector Interface DIN-Rail Models D1034S, D1034D
D1092 GMI-D1092 Datasheet
282Kb / 3P
SIL 3 Relay Output Module DIN-Rail Models D1092S, D1092D
D2052 GMI-D2052 Datasheet
257Kb / 2P
Relay Output Repeater DIN-Rail Model D2052M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com