Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1T04 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1T04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1T04
Download  74AUP1T04 Download
File Size   234.59 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power inverter with voltage-level translator

74AUP1T04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1T04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1T04
Download  74AUP1T04 Click to download

File Size   234.59 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power inverter with voltage-level translator

74AUP1T04 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1T04 Product details

1. General description
The 74AUP1T04 provides a single inverting function. This device ensures a very low static and
dynamic power consumption across the entire VCC range from 2.3 V to 3.6 V.
The 74AUP1T04 is designed for logic-level translation applications with input switching levels that
accept 1.8 V low-voltage CMOS signals, while operating from either a single 2.5 V or 3.3 V supply
voltage.
The wide supply voltage range ensures normal operation as battery voltage drops from 3.6 V to
2.3 V.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging backflow current through the device when it is
powered down.
Schmitt trigger inputs make the circuit tolerant to slower input rise and fall times across the entire
VCC range.
2. Features and benefits
• Wide supply voltage range from 2.3 V to 3.6 V
• High noise immunity
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 1.5 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial power-down mode operation
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1T04

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1T00 NEXPERIA-74AUP1T00 Datasheet
202Kb / 15P
Low-power 2-input NAND gate with voltage-level translator
74AUP1T00GW NEXPERIA-74AUP1T00GW Datasheet
202Kb / 15P
Low-power 2-input NAND gate with voltage-level translator
74AUP1T00GX NEXPERIA-74AUP1T00GX Datasheet
202Kb / 15P
Low-power 2-input NAND gate with voltage-level translator
74AUP1T02 NEXPERIA-74AUP1T02 Datasheet
233Kb / 13P
Low-power 2-input NOR gate with voltage-level translator
Rev. 3 - 22 February 2022
74AUP1T02GW NEXPERIA-74AUP1T02GW Datasheet
233Kb / 13P
Low-power 2-input NOR gate with voltage-level translator
Rev. 3 - 22 February 2022
More results


Similar Description - 74AUP1T04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1T97 NXP-74AUP1T97 Datasheet
89Kb / 17P
Low-power configurable gate with voltage-level translator
Rev. 01-25 October 2007
74AUP1T57 NXP-74AUP1T57 Datasheet
102Kb / 17P
Low-power configurable gate with voltage-level translator
Rev. 02-3 August 2009
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
logo
Fairchild Semiconductor
74AUP1T97 FAIRCHILD-74AUP1T97 Datasheet
530Kb / 11P
Low Power Configurable Gate with Voltage-Level Translator
logo
Nexperia B.V. All right...
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
74AUP1T14 NEXPERIA-74AUP1T14 Datasheet
234Kb / 14P
Low-power inverter with voltage-level translator
Rev. 3 - 25 January 2022
74AUP1T17 NEXPERIA-74AUP1T17 Datasheet
234Kb / 14P
Low-power buffer with voltage-level translator
Rev. 3 - 25 January 2022
74AUP1T50 NEXPERIA-74AUP1T50 Datasheet
236Kb / 14P
Low-power buffer with voltage-level translator
Rev. 4 - 5 August 2022
74AUP1T58 NEXPERIA-74AUP1T58 Datasheet
267Kb / 18P
Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
74AUP1T97 NEXPERIA-74AUP1T97 Datasheet
280Kb / 19P
Low-power configurable gate with voltage-level translator
Rev. 8 - 27 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com