Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1054S Datasheet (PDF) - G.M. International

D1054S Datasheet PDF - G.M. International
Part # D1054S
Download  D1054S Download
File Size   429.76 Kbytes
Page   4 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 2 Repeater Power Supply and Trip Amplifiers DIN-Rail Model D1054S

D1054S Datasheet (PDF)

Go To PDF Page Download Datasheet
D1054S Datasheet PDF - G.M. International

Part # D1054S
Download  D1054S Click to download

File Size   429.76 Kbytes
Page   4 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 2 Repeater Power Supply and Trip Amplifiers DIN-Rail Model D1054S

D1054S Datasheet (HTML) - G.M. International


D1054S Product details

Features:
SIL 2 according to IEC 61508:2010 (Route 2H) for
1) Tproof = 5 / 10 years (≤10% / >10 % of total SIF)
for analog current source output;
2) Tproof = 6-7 / 10 years (≤10% / >10 % of total SIF)
for 1oo2 architecture of alarm trip amplifiers with relay outs
SC2: Systematic Capability SIL2.
Input from Zone 0 (Zone 20), Division 1,
installation in Zone 2, Division 2.
4-20 mA loop or 0/4-20 mA externaly powered Input Signal.
0/4-20 mA, 0/1-5 V, 0/2-10 V Output Signal linear or reverse.
Wide Band Smart Communication, Hart compatible.
Input and Output short circuit proof.
Two independent trip amplifiers.
Output for burnout detection.
Common burnout detection available when using Power Bus
enclosure.
High Accuracy, μP controlled A/D converter.
Three port isolation, Input/Output/Supply.
EMC Compatibility to EN61000-6-2, EN61000-6-4, EN61326-1
Fully programmable operating parameters.
ATEX, IECEx, UL & C-UL, FM & FM-C, INMETRO, EAC-EX,
UKR TR n. 898, TÜV Certifications.
TÜV Functional Safety Certification.
Type Approval Certificate DNV and KR for maritime
applications.
High Reliability, SMD components.
High Density, one channel, 2 trips per unit.
Simplified installation using standard DIN Rail and
plug-in terminal blocks.
250 Vrms (Um) max. voltage allowed to the instruments
associated with the barrier.




Similar Part No. - D1054S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D105 MPD-D105 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
American Electronic Com...
D105 AEC-D105 Datasheet
228Kb / 1P
Optical Liquid Level Sensors
logo
C&K Components
D105 CK-COMPONENTS-D105 Datasheet
482Kb / 5P
Miniature Snap-in Power Rocker Switches
15 May 20
logo
Infineon Technologies A...
D1050N INFINEON-D1050N Datasheet
235Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
2009-06-16 revision:2
logo
Inchange Semiconductor ...
D1050N18TXPSA1 ISC-D1050N18TXPSA1 Datasheet
458Kb / 2P
Schottky Diode
More results


Similar Description - D1054S

ManufacturerPart #DatasheetDescription
logo
G.M. International
D1010 GMI-D1010 Datasheet
366Kb / 4P
SIL 2 Repeater Power Supply Smart-Hart compatible DIN-Rail Models
D1010S-046 GMI-D1010S-046 Datasheet
373Kb / 4P
SIL 2 Repeater Power Supply
D1012 GMI-D1012 Datasheet
251Kb / 2P
Quadruple Repeater Power Supply DIN-Rail Model D1012Q
D1014 GMI-D1014 Datasheet
295Kb / 2P
SIL 2 Repeater Power Supply Hart compatible DIN-Rail
D1035 GMI-D1035 Datasheet
278Kb / 2P
Frequency-Pulse Isolating Repeater DIN-Rail Model D1035S
D1053 GMI-D1053 Datasheet
397Kb / 4P
SIL 2 Analog Signal Converter and Trip Amplifiers DIN-Rail Model D1053S
D1060 GMI-D1060 Datasheet
443Kb / 4P
Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1073 GMI-D1073 Datasheet
452Kb / 4P
SIL 2 Temperature Signal Converter and Trip Amplifiers DIN-Rail Model D1073S
D2052 GMI-D2052 Datasheet
257Kb / 2P
Relay Output Repeater DIN-Rail Model D2052M
D2053 GMI-D2053 Datasheet
245Kb / 2P
Transistor Output Repeater DIN-Rail Model D2053M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com