Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1053 Datasheet (PDF) - G.M. International

D1053 Datasheet PDF - G.M. International
Part # D1053
Download  D1053 Download
File Size   397.11 Kbytes
Page   4 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 2 Analog Signal Converter and Trip Amplifiers DIN-Rail Model D1053S

D1053 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1053 Datasheet PDF - G.M. International

Part # D1053
Download  D1053 Click to download

File Size   397.11 Kbytes
Page   4 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 2 Analog Signal Converter and Trip Amplifiers DIN-Rail Model D1053S

D1053 Datasheet (HTML) - G.M. International


D1053 Product details

Features:
SIL 2 according to IEC 61508, IEC 61511
using analog output or trip amplifiers
for Tproof = 2 / 4 years (10 / 20 % of total SIF).
PFDavg (1 year) 4.16 E-04, SFF 80 %
using analog output.
PFDavg (1 year) 4.11 E-04, SFF 82 %
using trip amplifiers.
Input from Zone 0 (Zone 20), Division 1,
installation in Zone 2, Division 2.
0/4-20 mA, 0/1-5 V, 0/2-10 V Input-Output
Signal linear or reverse.
Two independent trip amplifiers.
Output for burnout detection.
High Accuracy, μP controlled A/D converter.
Three port isolation, Input/Output/Supply.
EMC Compatibility to EN61000-6-2, EN61000-6-4.
Fully programmable operating parameters.
ATEX, IECEx, UL & C-UL, FM & FM-C, INMETRO, EAC-EX,
UKR TR n. 898 Certifications.
Type Approval Certificate DNV and KR for
marine applications.
High Reliability, SMD components.
High Density, one channel, 2 trips per unit.
Simplified installation using standard
DIN Rail and plug-in terminal blocks.
250 Vrms (Um) max. voltage allowed to the
instruments associated with the barrier.




Similar Part No. - D1053

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1053 SEME-LAB-D1053 Datasheet
17Kb / 2P
METAL GATE RF SILICON FET
D1053UK SEME-LAB-D1053UK Datasheet
17Kb / 2P
METAL GATE RF SILICON FET
More results


Similar Description - D1053

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEM1630 ETC2-SEM1630 Datasheet
569Kb / 2P
UNIVERSAL DIN RAIL TRIP AMPLIFIER
logo
G.M. International
D1014 GMI-D1014 Datasheet
295Kb / 2P
SIL 2 Repeater Power Supply Hart compatible DIN-Rail
D1048 GMI-D1048 Datasheet
267Kb / 2P
SIL 3 Digital Output Driver, NE Loads, Loop Powered, DIN-Rail Model D1048S
D1054 GMI-D1054 Datasheet
429Kb / 4P
SIL 2 Repeater Power Supply and Trip Amplifiers DIN-Rail Model D1054S
D1060 GMI-D1060 Datasheet
443Kb / 4P
Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1064 GMI-D1064 Datasheet
274Kb / 2P
SIL 2 Load Cell/Strain Gauge Bridge Isolating Converter DIN-Rail Model D1064S
D1072 GMI-D1072 Datasheet
642Kb / 6P
SIL 2 Temperature Signal Converter, Duplicator, Adder/Subtractor DIN-Rail Models D1072S, D1072D
D1073 GMI-D1073 Datasheet
452Kb / 4P
SIL 2 Temperature Signal Converter and Trip Amplifiers DIN-Rail Model D1073S
D1093 GMI-D1093 Datasheet
265Kb / 4P
SIL 3 Relay Output Module with Line and Load diagnostics DIN-Rail Model D1093S
D2010 GMI-D2010 Datasheet
284Kb / 2P
Intrinsically Safe Analog-Temperature Multiplexer DIN-Rail Model D2010M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com