Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1072 Datasheet (PDF) - G.M. International

D1072 Datasheet PDF - G.M. International
Part # D1072
Download  D1072 Download
File Size   642.39 Kbytes
Page   6 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 2 Temperature Signal Converter, Duplicator, Adder/Subtractor DIN-Rail Models D1072S, D1072D

D1072 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1072 Datasheet PDF - G.M. International

Part # D1072
Download  D1072 Click to download

File Size   642.39 Kbytes
Page   6 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 2 Temperature Signal Converter, Duplicator, Adder/Subtractor DIN-Rail Models D1072S, D1072D

D1072 Datasheet (HTML) - G.M. International


D1072 Product details

General Description:
The single and dual channel DIN Rail Temperature Signal Converter D1072S and
D1072D accepts a low level dc signal from millivolt, thermocouple or RTD temperature
sensor, located in Hazardous Area, and converts, with isolation, the signal to drive a
Safe Area load. Output signal can be direct or reverse.
Duplicator function provides two independent outputs for the single input.
Adder, subtractor, low/high selector functions provides two independent outputs
representing input A, input B, input A plus input B, input A minus input B,
low/high selector.


Features:
SIL 2 according to IEC 61508:2010 (Route 2H)
for analog current source output of each channel
D1072S:Tproof = 3/10 yrs (≤10% / >10 % of total SIF)
D1072D:Tproof = 3/10 yrs (≤10% / >10 % of total SIF)
SC2 : Systematic Capability SIL2.
Input from Zone 0 (Zone 20), Division 1,
installation in Zone 2, Division 2.
mV, thermocouples, RTD or
transmitting potentiometers Input Signal.
Programmable RTD line resistance compensation.
Reference Junction Compensation automatic or
fixed (programmable value).
0/4-20 mA, 0/1-5 V, 0/2-10 V
Output Signal temperature linear or reverse.
Duplicated output for single channel input.
Adder, Subtractor, low/high Selector.
16 characters tag for each channel.
Common burnout detection available when
using Power Bus enclosure.
High Accuracy, μP controlled A/D converter.
Three port isolation, Input/Output/Supply.
EMC Compatibility to EN61000-6-2, EN61000-6-4.
Fully programmable operating parameters.
ATEX, IECEx, UL & C-UL, FM & FM-C, INMETRO, EAC-EX,
UKR TR n. 898, TÜV Certifications.
TÜV Functional Safety Certification.
Type Approval Certificate DNV and KR for
maritime applications.
High Reliability, SMD components.
High Density, two channels per unit.
Simplified installation using standard
DIN Rail and plug-in terminal blocks.
250 Vrms (Um) max. voltage allowed to the
instruments associated with the barrier.




Similar Part No. - D1072

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
D107 VECTRON-D107 Datasheet
410Kb / 4P
OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
logo
MicroPower Direct, LLC
D107 MPD-D107 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
Standard Recovery Diodes
D1070C NELLSEMI-D1070C Datasheet
893Kb / 7P
Standard Recovery Diodes
D1070C36 NELLSEMI-D1070C36 Datasheet
893Kb / 7P
Standard Recovery Diodes
More results


Similar Description - D1072

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F385 PHILIPS-74F385 Datasheet
64Kb / 6P
Quad serial adder/subtractor
1989 Sep 20
logo
ON Semiconductor
MC10H180 ONSEMI-MC10H180 Datasheet
112Kb / 4P
Dual 2 Bit Adder/Subtractor
March, 2000 ??Rev. 6
logo
NXP Semiconductors
10180 PHILIPS-10180 Datasheet
225Kb / 5P
Dual 2-Bit Adder/Subtractor
June 14 1990
logo
ON Semiconductor
MC10H180 ONSEMI-MC10H180_06 Datasheet
142Kb / 5P
Dual 2?묪it Adder/Subtractor
February, 2006 ??Rev. 7
logo
G.M. International
D1010 GMI-D1010 Datasheet
366Kb / 4P
SIL 2 Repeater Power Supply Smart-Hart compatible DIN-Rail Models
D1031 GMI-D1031 Datasheet
307Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Transistor Output DIN-Rail Models D1031D, D1031Q
D1052 GMI-D1052 Datasheet
446Kb / 4P
Analog Signal Converter, Duplicator, Adder/Subtractor DIN-Rail D1052S, D1052D, D1052X, D1052Y
D1053 GMI-D1053 Datasheet
397Kb / 4P
SIL 2 Analog Signal Converter and Trip Amplifiers DIN-Rail Model D1053S
D1073 GMI-D1073 Datasheet
452Kb / 4P
SIL 2 Temperature Signal Converter and Trip Amplifiers DIN-Rail Model D1073S
D1092 GMI-D1092 Datasheet
282Kb / 3P
SIL 3 Relay Output Module DIN-Rail Models D1092S, D1092D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com