Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1064 Datasheet (PDF) - G.M. International

D1064 Datasheet PDF - G.M. International
Part # D1064
Download  D1064 Download
File Size   274.62 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 2 Load Cell/Strain Gauge Bridge Isolating Converter DIN-Rail Model D1064S

D1064 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1064 Datasheet PDF - G.M. International

Part # D1064
Download  D1064 Click to download

File Size   274.62 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 2 Load Cell/Strain Gauge Bridge Isolating Converter DIN-Rail Model D1064S

D1064 Datasheet (HTML) - G.M. International


D1064 Product details

General Description:
The single channel DIN Rail Load Cell/Strain Gauge Bridge Isolating Converter D1064S
acts as a galvanically isolated interface installed between a PLC/DCS in Safe Area and
a load cell (or group of load cells) in Hazardous Area. Up to four 350 Ω load cells,
or five 450 Ω load cells, or ten 1000 Ω load cells can be connected in parallel.
It provides a fully floating power supply voltage with remote sensing capabilities to
load cells located in Hazardous Area and converts the mV signal from the load cell into
a 0/4-20 mA or 0/1-5 V or 0/2-10 V signal according to user desired range.
Output circuit provides both current source and sink capabilities.
Modbus output is also provided to interface PLC/DCS using digital communication.

Features:
SIL 2 according to IEC 61508:2010 (Route 2H) with
Tproof= 2 / 10 years (≤10% / >10 % of total SIF)
for 4-20 mA current source (or sink) output.
SC2: Systematic Capability SIL2.
Input from Zone 0 (Zone 20), Division 1,
installation in Zone 2, Division 2.
Strain Gauge Bridge Isolated Converter.
Up to four 350 Ω load cells in parallel or
up to five 450 Ω load cells in parallel or
up to ten 1000 Ω load cells in parallel.
0/4-20 mA, 0/1-5 V, 0/2-10 V Output Signal.
Modbus Output.
Field Automatic Calibration.
Three port isolation, Input/Output/Supply.
EMC Compatibility to EN61000-6-2, EN61000-6-4, EN61326-1
Fully programmable operating parameters.
ATEX, IECEx, FM & FM-C, INMETRO, EAC-EX, UKR TR n.
898, TÜV Certifications.
Type Approval Certificate DNV and KR for
maritime applications.
High Reliability, SMD components.
Simplified installation using standard
DIN Rail and plug-in terminal blocks.
250 Vrms (Um) max. voltage allowed to the
instruments associated with the barrier.




Similar Part No. - D1064

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D1064 SANYO-D1064 Datasheet
98Kb / 3P
50V/12A Switching Applications
More results


Similar Description - D1064

ManufacturerPart #DatasheetDescription
logo
G.M. International
D1035 GMI-D1035 Datasheet
278Kb / 2P
Frequency-Pulse Isolating Repeater DIN-Rail Model D1035S
D1053 GMI-D1053 Datasheet
397Kb / 4P
SIL 2 Analog Signal Converter and Trip Amplifiers DIN-Rail Model D1053S
D1054 GMI-D1054 Datasheet
429Kb / 4P
SIL 2 Repeater Power Supply and Trip Amplifiers DIN-Rail Model D1054S
D1061 GMI-D1061 Datasheet
506Kb / 4P
RS422 / RS485 Isolating Repeater DIN-Rail Model D1061S
D1063 GMI-D1063 Datasheet
350Kb / 2P
Load Cell/Strain Gauge Bridge Isolating Repeater DIN-Rail Model D1063S
D1073 GMI-D1073 Datasheet
452Kb / 4P
SIL 2 Temperature Signal Converter and Trip Amplifiers DIN-Rail Model D1073S
D5263 GMI-D5263 Datasheet
140Kb / 2P
I.S. SIL2 Load Cell/Strain Gauge Bridge Repeater
D5264 GMI-D5264 Datasheet
151Kb / 2P
I.S. SIL2 Load Cell/Strain Gauge Bridge Converter
D6263 GMI-D6263 Datasheet
137Kb / 2P
SIL2 Load Cell/Strain Gauge Bridge Repeater
D6264 GMI-D6264 Datasheet
148Kb / 2P
SIL2 Load Cell/Strain Gauge Bridge Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com