Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1061 Datasheet (PDF) - G.M. International

D1061 Datasheet PDF - G.M. International
Part # D1061
Download  D1061 Download
File Size   506.99 Kbytes
Page   4 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description RS422 / RS485 Isolating Repeater DIN-Rail Model D1061S

D1061 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1061 Datasheet PDF - G.M. International

Part # D1061
Download  D1061 Click to download

File Size   506.99 Kbytes
Page   4 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description RS422 / RS485 Isolating Repeater DIN-Rail Model D1061S

D1061 Datasheet (HTML) - G.M. International


D1061 Product details

Features:
Input/Output from Zone 0 (Zone 20), Division 1,
installation in Zone 2, Division 2.
RS422 / RS485 Hazardous Area I.S. Signal.
RS232 / RS422 / RS485 Safe Area Signal.
Transmission speed up to 1.5 Mbit/s.
For Modbus, Fieldbus, Profibus and all other RS485
protocols.
Three port isolation, Input/Output/Supply.
EMC Compatibility to EN61000-6-2, EN61000-6-4.
In-field programmability by DIP Switch.
ATEX, IECEx, FM & FM-C, INMETRO, EAC-EX,
UKR TR n. 898 Certifications.
Type Approval Certificate DNV and KR for
maritime applications.
High Reliability, SMD components.
Simplified installation using standard
DIN Rail and plug-in terminal blocks.
250 Vrms (Um) max. voltage allowed to the
instruments associated with the barrier.

General Description:
The single channel DIN Rail RS422 / RS485 Isolating Repeater type D1061S
is used to separate Intrinsically Safe RS422 / RS485 equipment located in
Hazardous Area from a RS232 / RS422 / RS485 controller located in Safe Area.
Transmission speed is DIP-switch adjustable from 1.2 Kbit/s up to 1.5 Mbit/s.
D1061S module supports all RS485 protocols, such as Fieldbus, Modbus, Profibus, etc.
Terminating impedance is DIP-switch selectable inside the unit (250 Ω value) for both
sides of communication lines (Hazardous Area and Safe Area side).
RS422 / RS485 connection in Safe Area is provided both on terminal block and SUB D
9 poles female connector on the unit.
RS232 connection is provided on SUB D 9 poles female connector only.
The module also provides a shield terminal block for connecting cable shielding on
Hazardous Area side.




Similar Part No. - D1061

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D106 MPD-D106 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
G.M. International
D1060 GMI-D1060 Datasheet
443Kb / 4P
Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1060S GMI-D1060S Datasheet
443Kb / 4P
Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1060SB GMI-D1060SB Datasheet
443Kb / 4P
Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1062 GMI-D1062 Datasheet
316Kb / 4P
Vibration Transducer Interface DIN-Rail Model D1062S
More results


Similar Description - D1061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
Multipoint RS485/RS422 Transceivers
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
logo
G.M. International
D1012 GMI-D1012 Datasheet
251Kb / 2P
Quadruple Repeater Power Supply DIN-Rail Model D1012Q
D1035 GMI-D1035 Datasheet
278Kb / 2P
Frequency-Pulse Isolating Repeater DIN-Rail Model D1035S
D1060 GMI-D1060 Datasheet
443Kb / 4P
Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1063 GMI-D1063 Datasheet
350Kb / 2P
Load Cell/Strain Gauge Bridge Isolating Repeater DIN-Rail Model D1063S
D1064 GMI-D1064 Datasheet
274Kb / 2P
SIL 2 Load Cell/Strain Gauge Bridge Isolating Converter DIN-Rail Model D1064S
D2052 GMI-D2052 Datasheet
257Kb / 2P
Relay Output Repeater DIN-Rail Model D2052M
D2053 GMI-D2053 Datasheet
245Kb / 2P
Transistor Output Repeater DIN-Rail Model D2053M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com