Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5273S Datasheet (PDF) - G.M. International

D5273S Datasheet PDF - G.M. International
Part # D5273S
Download  D5273S Download
File Size   151.23 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description I.S. SIL2 Temperature Converter & Trip Amplifier

D5273S Datasheet (PDF)

Go To PDF Page Download Datasheet
D5273S Datasheet PDF - G.M. International

Part # D5273S
Download  D5273S Click to download

File Size   151.23 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description I.S. SIL2 Temperature Converter & Trip Amplifier

D5273S Datasheet (HTML) - G.M. International


D5273S Product details

FEATURES
SIL 2 / SC 3
Input from Zone 0/Div. 1
Installation in Zone 2/Div. 2
mV, TC, 2/3/4wire res./RTD or potentiometer input
Two independent Trip Amplifiers (SPDT relay contacts)
Inversion/scaling/custom output
Selectable CJC: internal PT1000, external RTD or fixed
Fastest integration time: 50 ms
Burnout/internal/cjc/in sensor fault monitor
Alarm output with user-settable trip points
Modbus RTU RS-485 for monitor & configuration
Fully programmable operating parameters
High Accuracy, μP controlled A/D converter
Three port isolation, Input/Output/Supply




Similar Part No. - D5273S

ManufacturerPart #DatasheetDescription
logo
SHAOXING SILICORE TECHN...
D52003 SILICORE-D52003 Datasheet
208Kb / 7P
AM/FM RADIO IC
D52003CN SILICORE-D52003CN Datasheet
208Kb / 7P
AM/FM RADIO IC
logo
List of Unclassifed Man...
D5201 ETC2-D5201 Datasheet
402Kb / 3P
4/6 VARIABLE TOOTH DESIGN-FAST CUT
logo
G.M. International
D5202 GMI-D5202 Datasheet
140Kb / 2P
SIL3 24 Vdc 4 A Power Distribution with Diagnostics
D5202S GMI-D5202S Datasheet
140Kb / 2P
SIL3 24 Vdc 4 A Power Distribution with Diagnostics
More results


Similar Description - D5273S

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5036 GMI-D5036 Datasheet
169Kb / 2P
I.S. SIL2 Switch/Proximity Relay-Out Repeater
D5037 GMI-D5037 Datasheet
171Kb / 2P
I.S. SIL2 Switch/Proximity Transistor-Out Repeater
D5062 GMI-D5062 Datasheet
157Kb / 2P
I.S. SIL2 Vibration Transducer Interface
D5231 GMI-D5231 Datasheet
172Kb / 2P
I.S. SIL2 Switch/Proximity O.C.-Out Repeater
D5240 GMI-D5240 Datasheet
159Kb / 2P
I.S. SIL2 Bus-Powered Digital Output Driver
D5254 GMI-D5254 Datasheet
154Kb / 2P
I.S. SIL2 2/4-Wire Transmitter Trip Amplifier
D5264 GMI-D5264 Datasheet
151Kb / 2P
I.S. SIL2 Load Cell/Strain Gauge Bridge Converter
D6072 GMI-D6072 Datasheet
215Kb / 2P
SIL2 Multifunction Temperature Converter
D6254 GMI-D6254 Datasheet
151Kb / 2P
SIL2 2/4-Wire Transmitter Trip Amplifier
D6273 GMI-D6273 Datasheet
147Kb / 2P
SIL2 Temperature Converter & Trip Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com