Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE200 Datasheet (PDF) - COTEK ELECTRONIC IND. CO., LTD

SE200 Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD
Part # SE200
Download  SE200 Download
File Size   75.92 Kbytes
Page   2 Pages
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Description 200W Pure Sine Wave Inverter

SE200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SE200 Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD

Part # SE200
Download  SE200 Click to download

File Size   75.92 Kbytes
Page   2 Pages
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Description 200W Pure Sine Wave Inverter

SE200 Datasheet (HTML) - COTEK ELECTRONIC IND. CO., LTD


SE200 Product details

Features:
Power ON / OFF remote control (Green Terminal)
Wide input range : 10~16VDC (112 / 212), 20~32VDC (124 / 224)
Input Protection: Reverse Polarity (Fuse ) / Under Voltage /
Over Voltage
Wide operating temperature: -20°C ~ 60°C
Input & output fully isoation
Output Protection: Short Circuit / Overload / Over Temperature
Output frequency (50 / 60Hz) selectable by DIP switch
Output voltage / power saving mode selectable
E13 / CE / FCC approved




Similar Part No. - SE200

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SE200 LITTELFUSE-SE200 Datasheet
656Kb / 3P
Gas Discharge Tubes
Revised: 12/12/17
logo
Rohm
SE2002-DC70A ROHM-SE2002-DC70A Datasheet
68Kb / 4P
High speed thermal printhead (with thermal historical control)
SE2002-DC90A ROHM-SE2002-DC90A Datasheet
80Kb / 5P
Hight Speed Thermal Printhead (8dots / mm)
SE2002-DC94A ROHM-SE2002-DC94A Datasheet
77Kb / 5P
Hight Speed Thermal Printhead (8dots / mm)
SE2003-DC70A ROHM-SE2003-DC70A Datasheet
56Kb / 4P
High speed thermal printhead (with thermal historical control)
More results


Similar Description - SE200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
500VA Pure Sine Wave Inverter
logo
COTEK ELECTRONIC IND. C...
SC-1200 COTEK-SC-1200 Datasheet
1Mb / 7P
1200W Pure Sine Wave Inverter / Charger
21/09/01
SE400 COTEK-SE400 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SP-1000 COTEK-SP-1000 Datasheet
121Kb / 2P
1000W Pure Sine Wave Inverter
20/10/21
SP-1500 COTEK-SP-1500 Datasheet
129Kb / 2P
1500W Pure Sine Wave Inverter
20/10/21
SP-2000 COTEK-SP-2000 Datasheet
129Kb / 2P
2000W Pure Sine Wave Inverter
20/10/21
SP-3000 COTEK-SP-3000 Datasheet
179Kb / 2P
3000W Pure Sine Wave Inverter
20/10/21
SP-4000 COTEK-SP-4000 Datasheet
175Kb / 2P
4000W Pure Sine Wave Inverter
20/10/21
SP-700 COTEK-SP-700 Datasheet
121Kb / 2P
700W Pure Sine Wave Inverter
20/10/21
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
1000W Pure Sine Wave Inverter
20/10/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com