Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE400 Datasheet (PDF) - COTEK ELECTRONIC IND. CO., LTD

SE400 Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD
Part # SE400
Download  SE400 Download
File Size   362.08 Kbytes
Page   2 Pages
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Description 400W Pure Sine Wave Inverter

SE400 Datasheet (PDF)

Go To PDF Page Download Datasheet
SE400 Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD

Part # SE400
Download  SE400 Click to download

File Size   362.08 Kbytes
Page   2 Pages
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Description 400W Pure Sine Wave Inverter

SE400 Datasheet (HTML) - COTEK ELECTRONIC IND. CO., LTD


SE400 Product details

Feature:
Pure sine wave output
Power ON / OFF remote control (Green Terminal)
Remote controller CR-8 (optional)
Input & Output fully isolation
Temperature & Load controlled cooling fan
Built in advance microprocessor to provide friendly interface
Output frequency 50 / 60 Hz selectable by DIP switch
Output voltage DIP switch selectable
Adjustable power saving mode by variable resister
Input protection: Reverse Polarity (Fuse) / Under Voltage / Over Voltage
Output protection: Short Circuit / Overload / Over Temperature
E13 / UL / CE / FCC approved




Similar Part No. - SE400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE4002 ETC1-SE4002 Datasheet
900Kb / 3P
spray extraction cleaner
More results


Similar Description - SE400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
500VA Pure Sine Wave Inverter
logo
COTEK ELECTRONIC IND. C...
SC-1200 COTEK-SC-1200 Datasheet
1Mb / 7P
1200W Pure Sine Wave Inverter / Charger
21/09/01
SE200 COTEK-SE200 Datasheet
75Kb / 2P
200W Pure Sine Wave Inverter
20/10/21
SP-1000 COTEK-SP-1000 Datasheet
121Kb / 2P
1000W Pure Sine Wave Inverter
20/10/21
SP-1500 COTEK-SP-1500 Datasheet
129Kb / 2P
1500W Pure Sine Wave Inverter
20/10/21
SP-2000 COTEK-SP-2000 Datasheet
129Kb / 2P
2000W Pure Sine Wave Inverter
20/10/21
SP-3000 COTEK-SP-3000 Datasheet
179Kb / 2P
3000W Pure Sine Wave Inverter
20/10/21
SP-4000 COTEK-SP-4000 Datasheet
175Kb / 2P
4000W Pure Sine Wave Inverter
20/10/21
SP-700 COTEK-SP-700 Datasheet
121Kb / 2P
700W Pure Sine Wave Inverter
20/10/21
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
1000W Pure Sine Wave Inverter
20/10/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com