Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8752CYIT Datasheet (PDF) - Renesas Technology Corp

8752CYIT Datasheet PDF - Renesas Technology Corp
Part # 8752CYIT
Download  8752CYIT Download
File Size   375.98 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER

8752CYIT Datasheet (PDF)

Go To PDF Page Download Datasheet
8752CYIT Datasheet PDF - Renesas Technology Corp

Part # 8752CYIT
Download  8752CYIT Click to download

File Size   375.98 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER

8752CYIT Datasheet (HTML) - Renesas Technology Corp


8752CYIT Product details

FEATURES
• Fully integrated PLL
• 8 LVCMOS outputs, 7Ω typical output impedance
• Selectable LVCMOS CLK0 or CLK1 inputs for
redundant clock applications
• Input/Output frequency range: 18.33MHz to 240MHz
at VCC = 3.3V ± 5%
• VCO range: 220MHz to 480MHz
• External feedback for “zero delay” clock regeneration
• Cycle-to-cycle jitter: 75ps (maximum),
(all outputs are the same frequency)
• Output skew: 100ps (maximum)
• Bank skew: 55ps (maximum)
• Full 3.3V or 2.5V supply voltage
• -40°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS compliant




Similar Part No. - 8752CYIT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8752CYIT IDT-8752CYIT Datasheet
118Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
More results


Similar Description - 8752CYIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87972I ICST-ICS87972I Datasheet
150Kb / 14P
LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A OCTOBER 18, 2002
ICS8752 ICST-ICS8752 Datasheet
139Kb / 15P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A AUGUST 19, 2002
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A JUNE 23, 2003
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS8752 IDT-ICS8752 Datasheet
141Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS8752I IDT-ICS8752I Datasheet
118Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
87973 RENESAS-87973 Datasheet
432Kb / 18P
Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com