Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJR7090 Datasheet (PDF) - WJ Communication. Inc.

WJR7090 Datasheet PDF - WJ Communication. Inc.
Part # WJR7090
Download  WJR7090 Download
File Size   348.95 Kbytes
Page   4 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)

WJR7090 Datasheet (PDF)

Go To PDF Page Download Datasheet
WJR7090 Datasheet PDF - WJ Communication. Inc.

Part # WJR7090
Download  WJR7090 Click to download

File Size   348.95 Kbytes
Page   4 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)

WJR7090 Datasheet (HTML) - WJ Communication. Inc.


WJR7090 Product details

Highly Scalable
WJ Communications’ WJR7090 RFID multi-protocol reader module is designed specifically for the Korean market. Operating at the UHF frequency, this product offers OEMs and System Integrators the ability to deliver highly reliable, best-in-class, high performing RFID enabled printers, RFID handhelds and other RFID enabled devices. The WJR7090 reader module supports Class1, Gen1, ISO 18000-6B, and ISO 18000-6C (UHF Gen2) international standards and meets the requirements to operate in Gen2 Multiple Reader Environment (MRE) mode.

Product Features
    Compliant to Global Standards
        • Class1 Gen1
        • ISO 18000-6B
        • ISO 18000-6C (UHF Gen2)
    Designed for Korean Market*
    1W Transmit Power (+30 dBm)
    Antenna Ports
        • Single Antenna Operation
        • Switchable to 2 Separate Antennas
        • 50Ω MMCX Coaxial Connectors
    PCMCIA Type II Form Factor
    Serial Interface 3.3V CMOS Levels, 5V tolerant




Similar Part No. - WJR7090

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJR7000 WJCI-WJR7000 Datasheet
224Kb / 4P
UHF RFID reader module
More results


Similar Description - WJR7090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
MPR7050 WJCI-MPR7050 Datasheet
278Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6C (Gen2) in PCMCIA Type II Package
MPR7040 WJCI-MPR7040 Datasheet
317Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6C (Gen2) in PCMCIA Type II Package
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
logo
STMicroelectronics
XRAG2 STMICROELECTRONICS-XRAG2_08 Datasheet
336Kb / 33P
432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
07-Apr-2008
logo
EM Microelectronic - MA...
EM4324 EMMICRO-EM4324 Datasheet
57Kb / 1P
1 kbit Read/Write, ISO 18000-6C / EPC C-1 G-2 Passive / Battery-assisted Passive Contactless IC
logo
AMIC Technology
A9261-A-000 AMICC-A9261-A-000 Datasheet
83Kb / 2P
13.56MHz ISO-14443A Reader Module
logo
Omron Electronics LLC
V680 OMRON-V680 Datasheet
16Mb / 59P
RFID Systems with ISO/IEC 18000-3(15693) Compliance
logo
List of Unclassifed Man...
EM4325 ETC1-EM4325 Datasheet
1Mb / 67P
18000-63 Type C (Gen2) and 18000-63 Type C / 18000-64 Type D (Gen2/TOTAL) RFID IC
logo
NXP Semiconductors
HITAG NXP-HITAG Datasheet
781Kb / 44P
ISO 18000 transponder IC
Rev. 3.0 - 18 March 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com