Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXAM10A Datasheet (PDF) - TDK Electronics

CXAM10A Datasheet PDF - TDK Electronics
Part # CXAM10A
Download  CXAM10A Download
File Size   50.46 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description On-board type, Non-dimming, 6W, For 1 and 2 bulbs

CXAM10A Datasheet (PDF)

Go To PDF Page Download Datasheet
CXAM10A Datasheet PDF - TDK Electronics

Part # CXAM10A
Download  CXAM10A Click to download

File Size   50.46 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description On-board type, Non-dimming, 6W, For 1 and 2 bulbs

CXAM10A Datasheet (HTML) - TDK Electronics




Similar Part No. - CXAM10A

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-0214 POWER-SYSTEMS-CXA-0214 Datasheet
109Kb / 2P
DC-AC INVERTER UNIT 5.0W DUAL OUTPUTS WITH DIMMING FUNCTION
logo
TDK Electronics
CXA-0217 TDK-CXA-0217 Datasheet
60Kb / 2P
DC to AC Inverters Connector type, Dimming, 7W, for 2 Bulbs
logo
Power Systems GmbH+Co.K...
CXA-0217 POWER-SYSTEMS-CXA-0217 Datasheet
57Kb / 4P
DC-AC INVERTER UNIT 7W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0231 POWER-SYSTEMS-CXA-0231 Datasheet
169Kb / 4P
DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH WIDE DIMMING FUNCTION
logo
TDK Electronics
CXA-0271 TDK-CXA-0271 Datasheet
44Kb / 2P
DC-AC INVERTER UNIT
More results


Similar Description - CXAM10A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-0217 TDK-CXA-0217 Datasheet
60Kb / 2P
DC to AC Inverters Connector type, Dimming, 7W, for 2 Bulbs
CXA-L0505-NJL TDK-CXA-L0505-NJL Datasheet
184Kb / 2P
Non-dimming/Connector Type
CXA-L0512-NJL TDK-CXA-L0512-NJL Datasheet
184Kb / 2P
Non-dimming/Connector Type
CXA-L0524-NJL TDK-CXA-L0524-NJL Datasheet
184Kb / 2P
Non-dimming/Connector Type
CXA-M14L-P TDK-CXA-M14L-P Datasheet
43Kb / 2P
On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs
CXA-M1112-VJ TDK-CXA-M1112-VJ Datasheet
65Kb / 2P
DC to AC Inverters Connector type, Dimming, 7W, For 2 Bulbs
CXA-M1212-RJL TDK-CXA-M1212-RJL Datasheet
74Kb / 2P
DC to AC Inverters Connector type, Dimming, 5W, For 2 Bulbs
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXA-P1212A-WJL TDK-CXA-P1212A-WJL Datasheet
85Kb / 2P
DC to AC Inverters Connector type, Dimming, 8W, For 2 Bulbs
CXA-P1212-VJL TDK-CXA-P1212-VJL Datasheet
66Kb / 2P
Connector type, Dimming, 7W, For 2 bulbs
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com