Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZE05 Datasheet (PDF) - Hirose Electric

ZE05 Datasheet PDF - Hirose Electric
Part # ZE05
Download  ZE05 Download
File Size   311.49 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description ZE05 Series

ZE05 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZE05 Datasheet PDF - Hirose Electric

Part # ZE05
Download  ZE05 Click to download

File Size   311.49 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description ZE05 Series

ZE05 Datasheet (HTML) - Hirose Electric


ZE05 Product details

■Features
1. Space-saving (0.5 size terminal, 2mm pitch)
Space-saving design that contributes to size
reduction of end product
2. High Heat Resistance : up to 125℃
Suitable for use in 125℃ environments.
3. High Vibration Resistance
Can be used in vehicle environments in which
intense vibration is applied.
4. Rated Current : 5A (Single Pin Power
Supply) / 2A (All Pins Power Supply)
Suitable for use in 125℃ environments.
5. Retainer Guarantees 40N Tensile
Strength
Durable against cable routing




Similar Part No. - ZE05

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
ZE016TG-M DOINGTER-ZE016TG-M Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
logo
Zhengzhou Winsen Electr...
ZE03 WINSEN-ZE03 Datasheet
477Kb / 7P
Electrochemical Gas Detection Module
ZE07-CH2O WINSEN-ZE07-CH2O Datasheet
598Kb / 6P
Electrochemical CH2O Detection Module
ZE07-CO WINSEN-ZE07-CO Datasheet
447Kb / 6P
Electrochemical CO Module
ZE08-CH2O WINSEN-ZE08-CH2O Datasheet
550Kb / 6P
Electrochemical CH2O Detection Module
More results


Similar Description - ZE05

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com