Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSU6B Datasheet (PDF) - Honeywell Solid State Electronics Center

LSU6B Datasheet PDF - Honeywell Solid State Electronics Center
Part # LSU6B
Download  LSU6B Download
File Size   11497.45 Kbytes
Page   38 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH Heavy-Duty Limit Switch

LSU6B Datasheet (PDF)

Go To PDF Page Download Datasheet
LSU6B Datasheet PDF - Honeywell Solid State Electronics Center

Part # LSU6B
Download  LSU6B Click to download

File Size   11497.45 Kbytes
Page   38 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH Heavy-Duty Limit Switch

LSU6B Datasheet (HTML) - Honeywell Solid State Electronics Center


LSU6B Product details

FEATURES
• NEMA 1, 3, 4, 4X, 6, 6P, 12, 13 and IP65/66/67 environmental sealing
• NEMA/IP sealing features twin shaft seals for an extra measure of protection
• Rugged, corrosion-resistant zinc head and body are phosphate treated and epoxy coated
• Diaphragm seal between head and body provides an extra measure of protection
• Multiple connectivity options for international applications
• Fluorosilicone seals available for low temperature applications, and fluorocarbon seals available for chemically harsh environments and higher temperature applications
• Secure head-to-body retention with the head in any one of four positions 90° apart
• Self-lifting pressure plate terminals saves wiring time
• Wide variety of actuators, switch options, and head styles
• Rotary actuated heads are field adjustable for CW actuation, CCW actuation, or both
• Silver or gold-plated contacts
• Plug-in and non plug-in bodies have identical operating characteristics and are dimensionally interchangeable

DESCRIPTION
Honeywell’s MICRO SWITCH heavy-duty limit switches’ modular construction allows for a wide variety of actuator styles, operating heads, and electrical circuitry options. The plug-in versions greatly reduce downtime on production lines with high actuation rates as replacement of the switch is accomplished in seconds. The base receptacle contains all the wiring and conduit connection while the switching component with operating head easily assembles to the base and is attached with two screws.
They are ideal for many applications with demanding indoor and/or outdoor environments, where they may be subjected to shock or vibration from equipment, temperature extremes, dust, splashing water, coolant, and/or hose-directed water.

POTENTIAL APPLICATIONS
• Machine tools
• Automotive machine tools
• Material handling
• Outdoor electromechanical structures
• Balers/compactors
• Conveyors
• Food and beverage
• Power plants
• Off-road equipment
• Agricultural equipment
• Valves
• Transportation hubs




Similar Part No. - LSU6B

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSU RUBYCON-LSU Datasheet
175Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Siemens Semiconductor G...
LSU260 SIEMENS-LSU260 Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
LSU260-EO SIEMENS-LSU260-EO Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
logo
Micross Components
LSU308 MICROSS-LSU308 Datasheet
297Kb / 1P
N-CHANNEL JFET
LSU308_TO-18 MICROSS-LSU308_TO-18 Datasheet
297Kb / 1P
N-CHANNEL JFET
More results


Similar Description - LSU6B

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
logo
List of Unclassifed Man...
FD515 ETC2-FD515 Datasheet
271Kb / 8P
Standard Heavy Duty Limit Switches
logo
Honeywell Solid State E...
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
logo
Panasonic Semiconductor
QL PANASONIC-QL Datasheet
677Kb / 21P
QL (AZ4) Micro Limit Switch
2006
logo
Moujen Global Co., Ltd.
M4-4 MOUJEN-M4-4 Datasheet
3Mb / 12P
Compact Heavy Duty Limit Switch
MJ-7 MOUJEN-MJ-7 Datasheet
4Mb / 15P
Heavy Duty Limit Switch
MJ1-6 MOUJEN-MJ1-6 Datasheet
3Mb / 12P
Heavy Duty Limit Switch
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com