Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSU6B Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # LSU6B
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSU6B Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button LSU6B Datasheet HTML 5Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 6Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 7Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 8Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 9Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 10Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 11Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 12Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 13Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Sensing and Internet of Things
9
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Wiring Diagrams (Styles B&G)
Connectors = Numbers (mini-style)
Cables = Colors
Factory-sealed Pre-wired Limit Switches
Features
•
Pre-wired with 6 ft STOOW-A cable or other 4, 5, or 9-pin
connectors (other lengths available)
•
Wire entry area completely factory sealed
•
(Cable version) NEMA 1, 6, 6P, 12; IP67
•
(Connector version) NEMA 1, 6, 6P, 12, 13; IP67
How to order:
To order factory sealed switches, add the modification codes
shown below to the standard HDLS listings (reference product
nomenclature on page 4):
Circuitry
Cable
1/2 in connector style
SPDT
C
A (4-pin mini-style)
B (5-pin mini-style)
DD (4-pin micro-style)
DPDT
M
R (9-pin mini-style)
Examples:
LSA1A
C = LSA1A with 6-feet of 5-conductor STOW-A cable
LSJ2B
M-7N = LSJ2B-7N with 6 feet of 9-conductor STOOW-A
cable
LSA1A
B = LSA1A with a 5-pin mini-style connector
LSA1A
DD = LSA1A with a 4-pin micro-style connector
NOTE: Connector versions available with 1/2 in conduit only.
4
1
2
G
SINGLE POLE
CABLE OR MINI STYLE CONNECTOR
3
WHITE
RED
G = GREEN
ORANGE
BLACK
DOUBLE POLE
CABLE OR MINI STYLE CONNECTOR
1
2
4
3
5
BLACK
ORANGE
GREEN
RED
WHITE
6
G
7
8
BLUE
PINK
YELLOW
BROWN
G = Ground
Wiring Diagrams (Styles M&R)
3
2
4
1
G = Ground
Same Polarity
1NC/1NO
Circuitry
4
1
2
G
SINGLE POLE
CABLE OR MINI STYLE CONNECTOR
3
WHITE
RED
G = GREEN
ORANGE
BLACK
DOUBLE POLE
CABLE OR MINI STYLE CONNECTOR
1
2
4
3
5
BLACK
ORANGE
GREEN
RED
WHITE
6
G
7
8
BLUE
PINK
YELLOW
BROWN
G = Ground
Wiring Diagram (Style A)
Wiring Diagram (Style DD)
3
2
4
1
4
32
1
Same Polarity
4
2
Pin 3 not connected
1
3
21
4
Same Polarity
2NC/2NO
3
2
Same
polarity
each
pole
4
1
7
6
8
5
Pole 1Pole 2
2NC/2NO center neutral
3
2
4
1
7
6
8
5
CCWCW
Pole 1Pole 2
Same
polarity
each
pole
2NC/2NO sequential
3
2
1st
4
1
7
6
8
5
2nd
Pole 1Pole 2
Same
polarity
each
pole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com