Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSU6B Datasheet(PDF) 24 Page - Honeywell Solid State Electronics Center

Part # LSU6B
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSU6B Datasheet(HTML) 24 Page - Honeywell Solid State Electronics Center

Back Button LSU6B Datasheet HTML 20Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 21Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 22Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 23Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 24Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 25Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 26Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 27Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 28Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
24 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Plain (LSE)
Roller (LSF)
Adjustable
(LSW)
Maintained (LSG)
Description
Side plain
plunger
(momentary)
Side roller
plunger
(momentary)
Adjustable
side plain
plunger
(momentary)
Side plain plunger with
maintained contact
Contact closed n
Contact open o
7,36 mm
[0.29 in]
0 in
2,54 mm
[0.10 in]
1,4 mm
[0.055 in]
Snap Action
1NO/1NC
1
2
3
4
0 in
Snap Action
2NO/2NC
1
2
3
4
5
6
7
8
7,36 mm
[0.29 in]
2,54 mm
[0.10 in]
1,4 mm
[0.055 in]
6,35 mm
[0.25 in]
0 in
4,32 mm
[0.17 in]
trip
2,03 mm
[0.08 in]
reset
6,35 mm
[0.25 in]
0 in
4,32 mm
[0.17 in]
trip
2,03 mm
[0.08 in]
reset
Pretravel
2,54 mm [0.10 in]
4,32 mm [0.17 in]
Different. travel
Single pole: 0,64 mm [0.025 in]
Double pole: 0,89 mm [0.035 in]
2,29 mm
[0.09 in]
Overtravel
4,83 mm [0.19 in]
2,0 mm [0.08 in]
Operating point
(nominal)
33,0 mm
[1.30 in]
44,1 mm
[1.74 in]
41,0 mm to
47,4 mm
[1.62 in to
1.87 in]
67,6 mm [1.48 in]
Operating force
26,7 N [6 lb] max.
44,5 N
[10 lb] max.
Op. temp range3
-12°C to 93°C [10°F to 200°F]
(for low temp, high temp, or preleaded versions, see pages 8-9)
-1°C to 93°C
[30°F to 200°F]
(for low temp, high temp, or preleaded versions,
see pages 8-9)
Circuitry
Contacts Body Style2
Conduit
(NPT)
Options
SPDT
Double Break
Silver
Plug-in
0.5 in
LSE1A
LSF1A
LSW1A
LSG1A
Gold4
Plug-in
0.5 in
LSE1E
LSF1E
LSW1E
LSG1E
Silver
Plug-in
0.5 in
120 V Ind. lite1
LSE5A
LSF5A
LSW5A
LSG5A
Silver
Plug-in
0.5 in
240 V Ind. lite1
LSE8A
LSF8A
LSW8A
LSG8A
Silver
Non-plug-in 0.5 in
LSE3K
LSF3K
LSW3K
LSG3K
DPDT
Double Break
Silver
Plug-in
0.75 in
LSE2B
LSF2B
LSW2B
LSG2B
Silver
Plug-in
0.5 in
LSE2R
LSF2R
LSW2R
LSG2R
Silver
Plug-in
0.75 in 120 V Ind. lite1
LSE6B
LSF6B
LSW6B
LSG6B
Gold4
Plug-in
0.5 in
LSE6S
–
–
–
Silver
Non-plug-in 0.75 in
LSE4L
LSF4L
LSW4L
LSG4L
Silver
Non-plug-in 0.5 in
LSE7L
LSF7L
LSW7L
LSG7L
1
Use at voltage indicated for light. Wired to NO circuit. Upper temperature limit for lighted units is 93°C [200°F]
2
Plug-in listings include base receptacle
3
Completely fluorocarbon sealed switches are preferred for use in temperatures above 93°C [200°F]
4
Gold-plated contacts
NOTE: Same polarity each pole.
To order a fluorocarbon sealed switch, insert the letters
Y and C into the catalog listing as follows. The LSA1A limit switch is changed to a LSYAC1A limit switch.
To order a low temperature, fluorosilicone sealed switch, insert the letters
Y and B into the catalog listing as follows. The LSA1A limit switch is changed to a LSYAB1A
limit switch.
Table 10. Side Plungers • MICRO SWITCH HDLS Series Order Guide/Recommended Listings
Heads may be positioned to accept actuation
from any of four directions, 90° apart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com