Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSU6B Datasheet(PDF) 17 Page - Honeywell Solid State Electronics Center

Part # LSU6B
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSU6B Datasheet(HTML) 17 Page - Honeywell Solid State Electronics Center

Back Button LSU6B Datasheet HTML 13Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 14Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 15Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 16Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 17Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 18Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 19Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 20Page - Honeywell Solid State Electronics Center LSU6B Datasheet HTML 21Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Sensing and Internet of Things
17
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Table 7. Common levers for use with MICRO SWITCH HDLS Rotary Switches
Levers for use with side or top rotary actuated switches are available in a wide choice of sizes and materials. The most common
listings are shown below. Rollers may be on either side of the lever to best match the external acutating mechanism.
LSZ51A&C
fixed rotary lever,
nylon roller, front/
backl
LSZ51B&D
fixed rotary lever,
steel roller, front/
back
LSZ59A,LSZ59B,
LSZ59C,LSZ59D
short fixed lever,
front/back
LSZ69CA
spoke lever - 152 mm [6 in]
LSZ55A,LSZ55B,
LSZ55C,LSZ55D
offset lever,
front/back
LSZ60
one-way
roller lever
LSZ53A, LSZ53B, LSZ53D
yoke lever, nylon and steel rollers,
front/back placement
LSZ54R
spring wire
305 mm [12 in]
LSZ52A,
LSZ52B,
LSZ52C, LSZ52D
adj. lever, nylon/
steel, front/back
LSZ52J
adjustable lever,
nylon roller
Ø 25,4 mm [Ø 1 in]
LSZ52K
adjustable lever,
nylon roller
Ø 38,1 mm
[Ø 1.5 in]
LSZ54M
aluminum
rod
Ø 140 mm
[Ø 5.5 in]
LSZ61
loop
152 mm [6 in]
LSZ67AA*
Plastic conveyor roller
LSZ68
plastric rod w/
spring
305 mm
[12 in]
LSZ54N
stainless steel
rod 330 mm
[13 in]
* May require orientation of switch and lever to enable gravity to help restore free position of switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com