Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1613517 Datasheet (PDF) - PHOENIX CONTACT

1613517 Datasheet PDF - PHOENIX CONTACT
Part # 1613517
Download  1613517 Download
File Size   682.19 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SM-5EPWN8AWT00 - Device connector front mounting

1613517 Datasheet (PDF)

Go To PDF Page Download Datasheet
1613517 Datasheet PDF - PHOENIX CONTACT

Part # 1613517
Download  1613517 Click to download

File Size   682.19 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SM-5EPWN8AWT00 - Device connector front mounting

1613517 Datasheet (HTML) - PHOENIX CONTACT


1613517 Product details

Device connector front mounting, straight, for standard and SPEEDCON interlock, M40, number
of positions: 2+3+PE, type of contact: Pin, Axial O-ring, 4x Ø4,2, shielded: yes, flange
dimensions: 40 mm x 40 mm, degree of protection: IP67, number of positions: 6, connection
method: Crimp connection, series: SM, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1242759

Your advantages
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly




Similar Part No. - 1613517

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1613516 PHOENIX-1613516 Datasheet
657Kb / 18P
SM-5EPWN8AA200 - Device connector front mounting
1613518 PHOENIX-1613518 Datasheet
620Kb / 16P
SM-5ES1N8A8S22 - Cable connector
More results


Similar Description - 1613517

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605846 PHOENIX-1605846 Datasheet
57Kb / 2P
Device connector, front mounting - SM-7EPWN8AAD00
11/22/13
1605848 PHOENIX-1605848 Datasheet
40Kb / 1P
Device connector, front mounting - SM-7EPWN8AAF00
11/22/13
1605849 PHOENIX-1605849 Datasheet
55Kb / 2P
Device connector, front mounting - SM-7EPWN8AWA00
11/22/13
1607532 PHOENIX-1607532 Datasheet
610Kb / 14P
SM-5ES1N8AYW00 - Device connector, front mounting with knurled nut
1613525 PHOENIX-1613525 Datasheet
615Kb / 15P
SM-5ES1N8AYW00S - Device connector, front mounting with knurled nut
1620664 PHOENIX-1620664 Datasheet
697Kb / 18P
SM-7EPWN8AA700 - Device connector front mounting
1607931 PHOENIX-1607931 Datasheet
646Kb / 17P
SM-7EPWN8AAD00S - Device connector front mounting
1607927 PHOENIX-1607927 Datasheet
643Kb / 17P
SM-5EPWN8AAD00S - Device connector front mounting
1613524 PHOENIX-1613524 Datasheet
618Kb / 15P
SM-5ES1N8AY000S - Device connector, front mounting with knurled nut
1620663 PHOENIX-1620663 Datasheet
698Kb / 19P
SM-5EPWN8AA700 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com