Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1620663 Datasheet (PDF) - PHOENIX CONTACT

1620663 Datasheet PDF - PHOENIX CONTACT
Part # 1620663
Download  1620663 Download
File Size   698.11 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SM-5EPWN8AA700 - Device connector front mounting

1620663 Datasheet (PDF)

Go To PDF Page Download Datasheet
1620663 Datasheet PDF - PHOENIX CONTACT

Part # 1620663
Download  1620663 Click to download

File Size   698.11 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SM-5EPWN8AA700 - Device connector front mounting

1620663 Datasheet (HTML) - PHOENIX CONTACT


1620663 Product details

Device connector front mounting, angled rotatable, for standard and SPEEDCON interlock, M40,
number of positions: 2+3+PE, contact connection type: Pin, Axial O-ring, 4xØ4,4, shielded: yes,
flange dimensions: 40 mm x 40 mm, degree of protection: IP67, number of positions: 6,
connection method: Crimp connection, series: SM

Your advantages
• Easy connection, thanks to infinitely adjustable cable outlet direction up to 310°
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly




Similar Part No. - 1620663

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
162066 FESTO-162066 Datasheet
93Kb / 1P
Dual piston rod cylinder
logo
PHOENIX CONTACT
1620660 PHOENIX-1620660 Datasheet
694Kb / 18P
SF-7EP1N8AA500 - Device connector front mounting
1620661 PHOENIX-1620661 Datasheet
622Kb / 17P
SF-5EP1N8AA600 - Device connector front mounting
1620662 PHOENIX-1620662 Datasheet
648Kb / 17P
SF-7EP1N8AA600 - Device connector front mounting
1620664 PHOENIX-1620664 Datasheet
697Kb / 18P
SM-7EPWN8AA700 - Device connector front mounting
More results


Similar Description - 1620663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605846 PHOENIX-1605846 Datasheet
57Kb / 2P
Device connector, front mounting - SM-7EPWN8AAD00
11/22/13
1605848 PHOENIX-1605848 Datasheet
40Kb / 1P
Device connector, front mounting - SM-7EPWN8AAF00
11/22/13
1605849 PHOENIX-1605849 Datasheet
55Kb / 2P
Device connector, front mounting - SM-7EPWN8AWA00
11/22/13
1613517 PHOENIX-1613517 Datasheet
682Kb / 18P
SM-5EPWN8AWT00 - Device connector front mounting
1607532 PHOENIX-1607532 Datasheet
610Kb / 14P
SM-5ES1N8AYW00 - Device connector, front mounting with knurled nut
1613525 PHOENIX-1613525 Datasheet
615Kb / 15P
SM-5ES1N8AYW00S - Device connector, front mounting with knurled nut
1620664 PHOENIX-1620664 Datasheet
697Kb / 18P
SM-7EPWN8AA700 - Device connector front mounting
1607931 PHOENIX-1607931 Datasheet
646Kb / 17P
SM-7EPWN8AAD00S - Device connector front mounting
1607927 PHOENIX-1607927 Datasheet
643Kb / 17P
SM-5EPWN8AAD00S - Device connector front mounting
1613524 PHOENIX-1613524 Datasheet
618Kb / 15P
SM-5ES1N8AY000S - Device connector, front mounting with knurled nut
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com