Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIOL112 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TIOL112 Datasheet PDF - Texas Instruments
Part # TIOL112
Download  TIOL112 Download
File Size   2426.45 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages

TIOL112 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIOL112 Datasheet PDF - Texas Instruments

Part # TIOL112
Download  TIOL112 Click to download

File Size   2426.45 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages

TIOL112 Datasheet (HTML) - Texas Instruments


TIOL112 Product details

1 Features
• 7-V to 36-V supply voltage
• PNP, NPN or IO-Link configurable output
– IEC 61131-9 COM1, COM2 and COM3 Data
Rate Support
• Functional safety-capable
– Documentation available to aid in functional
safety system design
• Pin-compatible with TIOL111(x) with improved
performance
– Low residual Voltage of 0.5 V (typical) at
200 mA
– Active driver current limiting capability
– Improved thermal performance of the package
– Slower driver slew rates to reduce overshoots:
maximum of 750 ns
• Integrated protection features for robust systems
– Configurable driver overcurrent limit:
50 mA to 350 mA
– Active reverse polarity protection of up to 65
on L+, CQ and L-
– Fault indicator for overcurrent, overtemperature
and UVLO faults
– Safe and fast demagnetization of inductive
loads
– Extended ambient temperature operation:
–40°C to 125°C
• Integrated EMC protection on L+ and CQ
– ±8 kV IEC 61000-4-2 ESD contact discharge
– ±4 kV IEC 61000-4-4 electrical fast transient
– ±1.2 kV/500 Ω IEC 61000-4-5 surge
• Large capacitive load driving capability
• < 2-μA CQ leakage current
• < 1.5-mA quiescent supply current
• Integrated LDO options for up to 20 mA current
– TIOL1123: 3.3-V LDO
– TIOL1125: 5-V LDO
– TIOL1123L (YAH): Selectable 3.3-V/5-V Output
• Remote wake-up indication and wake-up
generation
• Small space-saving package options
– 3 mm x 3 mm 10-pin VSON package:
pin-compatible with TIOL111
– 2.45 mm x 1.7 mm DSBGA package

2 Applications
• Field Transmitters and actuators
• Factory automation
• Process automation
• IO-link PHY in remote IO

3 Description
The TIOL112(x) family of transceivers implements the
IO-Link interface for industrial bidirectional, point-topoint
communication. When the device is connected
to an IO-Link master through a three-wire interface,
the master initiates communication and exchange
data with the remote node while the TIOL112(x) acts
as a complete physical layer for the communication.
These devices are capable of withstanding up to
1.2 kV (500 Ω) of IEC 61000-4-5 surge and feature
integrated reverse polarity protection. A simple pinprogrammable
interface allows easy interfacing with
the controller circuits. The output current limit can
be configured using an external resistor. TIOL112(x)
can be configured to generate wake-up pulse and be
used in IO-link master applications. Fault reporting
and internal protection functions are provided
for undervoltage, overcurrent and overtemperature
conditions.




Similar Part No. - TIOL112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOL112 TI-TIOL112 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
FEBRUARY 2022
TIOL112 TI-TIOL112 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
APRIL 2022
TIOL112 TI-TIOL112 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED DECEMBER 2022
TIOL112 TI2-TIOL112 Datasheet
2Mb / 38P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED MARCH 2023
TIOL1123 TI-TIOL1123 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
FEBRUARY 2022
More results


Similar Description - TIOL112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOL111 TI1-TIOL111 Datasheet
1Mb / 30P
IO-Link Device Transceivers with Integrated Surge Protection
logo
Maxim Integrated Produc...
MAX14828 MAXIM-MAX14828 Datasheet
1Mb / 39P
Low-Power, Ultra-Small IO-Link Device Transceiver
Rev 0; 6/17
logo
Texas Instruments
TIOL111 TI1-TIOL111_19 Datasheet
1Mb / 33P
IO-Link Device Transceivers with Integrated Surge Protection
TIOL112 TI-TIOL112 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
FEBRUARY 2022
TIOS102 TI-TIOS102 Datasheet
1Mb / 33P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
FEBRUARY 2022
logo
Maxim Integrated Produc...
MAX22515 MAXIM-MAX22515 Datasheet
608Kb / 37P
IO-Link Transceiver with Integrated Protection
2021
logo
Texas Instruments
TIOL112 TI-TIOL112_V01 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
APRIL 2022
TIOS102 TI-TIOS102_V01 Datasheet
1Mb / 34P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
REVISED DECEMBER 2022
TIOL112 TI-TIOL112_V02 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED DECEMBER 2022
TIOS102 TI-TIOS102_V02 Datasheet
2Mb / 36P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com