Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIOL112 Datasheet (PDF) - Texas Instruments

TIOL112 Datasheet PDF - Texas Instruments
Part # TIOL112
Download  TIOL112 Download
File Size   2395.27 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages

TIOL112 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIOL112 Datasheet PDF - Texas Instruments

Part # TIOL112
Download  TIOL112 Click to download

File Size   2395.27 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages

TIOL112 Datasheet (HTML) - Texas Instruments


TIOL112 Product details

1 Features
• 7-V to 36-V supply voltage
• PNP, NPN or IO-Link configurable output
– IEC 61131-9 COM1, COM2 and COM3 Data
Rate Support
• Functional safety-capable
– Documentation available to aid in functional
safety system design
• Pin-compatible with TIOL111(x) with improved
performance
– Low residual Voltage of 0.5 V (typical) at
200 mA
– Active driver current limiting capability
– Improved thermal performance of the package
– Slower driver slew rates to reduce overshoots:
maximum of 750 ns
• Integrated protection features for robust systems
– Configurable driver overcurrent limit:
50 mA to 350 mA
– Active reverse polarity protection of up to 65
on L+, CQ and L-
– Fault indicator for overcurrent, overtemperature
and UVLO faults
– Safe and fast demagnetization of inductive
loads
– Extended ambient temperature operation:
–40°C to 125°C
• Integrated EMC protection on L+ and CQ
– ±8 kV IEC 61000-4-2 ESD contact discharge
– ±4 kV IEC 61000-4-4 electrical fast transient
– ±1.2 kV/500 Ω IEC 61000-4-5 surge
• Large capacitive load driving capability
• < 2-μA CQ leakage current
• < 1.5-mA quiescent supply current
• Integrated LDO options for up to 20 mA current
– TIOL1123: 3.3-V LDO
– TIOL1125: 5-V LDO
– TIOL1123L (YAH): Selectable 3.3-V/5-V Output
• Remote wake-up indication and wake-up
generation
• Small space-saving package options
– 3 mm x 3 mm 10-pin VSON package:
pin-compatible with TIOL111
– 2.45 mm x 1.7 mm DSBGA package

2 Applications
. Field Transmitters and actuators
. Factory automation
. Process automation
. IO-link PHY in remote IO

3 Description
The TIOL112(x) family of transceivers implements the
IO-Link interface for industrial bidirectional, point-topoint
communication. When the device is connected
to an IO-Link master through a three-wire interface,
the master initiates communication and exchange
data with the remote node while the TIOL112(x) acts
as a complete physical layer for the communication.
These devices are capable of withstanding up to
1.2 kV (500 Ω) of IEC 61000-4-5 surge and feature
integrated reverse polarity protection. A simple pinprogrammable
interface allows easy interfacing with
the controller circuits. The output current limit can
be configured using an external resistor. TIOL112(x)
can be configured to generate wake-up pulse and be
used in IO-link master applications. Fault reporting
and internal protection functions are provided
for undervoltage, overcurrent and overtemperature
conditions.




Similar Part No. - TIOL112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOL112 TI-TIOL112 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
FEBRUARY 2022
TIOL112 TI-TIOL112 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
APRIL 2022
TIOL112 TI-TIOL112 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED DECEMBER 2022
TIOL112 TI-TIOL112 Datasheet
2Mb / 38P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED MARCH 2023
TIOL1123 TI-TIOL1123 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
FEBRUARY 2022
More results


Similar Description - TIOL112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOL111 TI1-TIOL111 Datasheet
1Mb / 30P
IO-Link Device Transceivers with Integrated Surge Protection
TIOL111 TI1-TIOL111_19 Datasheet
1Mb / 33P
IO-Link Device Transceivers with Integrated Surge Protection
TIOL112 TI-TIOL112 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
FEBRUARY 2022
TIOS102 TI-TIOS102 Datasheet
1Mb / 33P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
FEBRUARY 2022
logo
Maxim Integrated Produc...
MAX22515 MAXIM-MAX22515 Datasheet
608Kb / 37P
IO-Link Transceiver with Integrated Protection
2021
logo
Texas Instruments
TIOL112 TI-TIOL112_V01 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
APRIL 2022
TIOS102 TI-TIOS102_V01 Datasheet
1Mb / 34P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
REVISED DECEMBER 2022
TIOL112 TI-TIOL112_V02 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED DECEMBER 2022
TIOL112 TI-TIOL112_V03 Datasheet
2Mb / 38P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED MARCH 2023
TIOS102 TI-TIOS102_V02 Datasheet
2Mb / 36P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com