Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT821034 Datasheet (PDF) - Renesas Technology Corp

IDT821034 Datasheet PDF - Renesas Technology Corp
Part # IDT821034
Download  IDT821034 Download
File Size   466.64 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUAD PCM CODEC WITH PROGRAMMABLE GAIN

IDT821034 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT821034 Datasheet PDF - Renesas Technology Corp

Part # IDT821034
Download  IDT821034 Click to download

File Size   466.64 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUAD PCM CODEC WITH PROGRAMMABLE GAIN

IDT821034 Datasheet (HTML) - Renesas Technology Corp


IDT821034 Product details

· 4 channel CODEC with on-chip digital filters
· Software Selectable A-law/m-law companding
· Programmable gain setting
· Automatic master clock frequency selection: 2.048MHz, 4.096
MHz or 8.192MHz
· Flexible PCM interface with up to 128 programmable time slots,
data rate from 512 kbits/s to 8.192 Mbits/s
· 5 SLIC signaling pins per channel
· Flexible Serial Control Interface to microcontroller
· Software programmable timing modes
· TTL and CMOS compatible digital I/O
· Meets or exceeds ITU-T G.711 - G.714 requirements
· +5 V single power supply
· Low power consumption: 100mW Typ.
· Operating temperature range: -40 °C to +85 °C
· Packages available: 52 pin PQFP




Similar Part No. - IDT821034

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
IDT821034DN IDT-IDT821034DN Datasheet
253Kb / 19P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
More results


Similar Description - IDT821034

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
QUAD NON-PROGRAMMABLE PCM CODEC
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
821024 RENESAS-821024 Datasheet
919Kb / 15P
QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com