Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT821024 Datasheet (PDF) - Integrated Device Technology

IDT821024 Datasheet PDF - Integrated Device Technology
Part # IDT821024
Download  IDT821024 Download
File Size   247.83 Kbytes
Page   13 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUAD NON-PROGRAMMABLE PCM CODEC

IDT821024 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT821024 Datasheet PDF - Integrated Device Technology

Part # IDT821024
Download  IDT821024 Click to download

File Size   247.83 Kbytes
Page   13 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUAD NON-PROGRAMMABLE PCM CODEC

IDT821024 Datasheet (HTML) - Integrated Device Technology


IDT821024 Product details

DESCRIPTION
The IDT821024 is a single-chip, four channel PCM CODEC with on-chip filters. The device provides analog-to-digital and digital-to-analog conversions and supports both a-law and μ-law companding. The digital filters in IDT821024 provides the necessary transmit and receive filtering for voice telephone circuit to interface with time-division multiplexed systems. All of the digital filters are performed in digital signal processors operating from an internal clock, which is derived from MCLK. The fixed filters set the transmit and receive gain and frequency response.
   
FEATURES
• 4 channelCODECwith on-chip digital filters
• Selectable A-law orm-law companding
• Master clock frequency selection: 2.048 MHz, 4.096 MHz or
    8.192 MHz
    - Internal timing automatically adjusted based on MCLK and
        frame sync signal
• Separate PCM and master clocks
• Single PCM port with up to 8.192 MHz data rate (128 time slots)
• Transhybrid balance impedance hardware adjustable via external
    components
• Transmit gains hardware adjustable via external components
• Low power +5.0 V CMOS technology
• +5.0 V single power supply
• Package available: 32 pin PLCC, 44 pin TQFP
   




Similar Part No. - IDT821024

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034DN IDT-IDT821034DN Datasheet
253Kb / 19P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
IDT821034DNG RENESAS-IDT821034DNG Datasheet
466Kb / 20P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
More results


Similar Description - IDT821024

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
821024 RENESAS-821024 Datasheet
919Kb / 15P
QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com