Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72235LB10PFGI Datasheet (PDF) - Renesas Technology Corp

72235LB10PFGI Datasheet PDF - Renesas Technology Corp
Part # 72235LB10PFGI
Download  72235LB10PFGI Download
File Size   313.74 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS SyncFIFOTM

72235LB10PFGI Datasheet (PDF)

Go To PDF Page Download Datasheet
72235LB10PFGI Datasheet PDF - Renesas Technology Corp

Part # 72235LB10PFGI
Download  72235LB10PFGI Click to download

File Size   313.74 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS SyncFIFOTM

72235LB10PFGI Datasheet (HTML) - Renesas Technology Corp


72235LB10PFGI Product details

• 256 x 18-bit organization array (IDT72205LB)
• 512 x 18-bit organization array (IDT72215LB)
• 1,024 x 18-bit organization array (IDT72225LB)
• 2,048 x 18-bit organization array (IDT72235LB)
• 4,096 x 18-bit organization array (IDT72245LB)
• 10 ns read/write cycle time
• Empy and Full flags signal FIFO status
• Easy expandable in depth and width
• Asynchronous or coincident read and write clocks
• Programmable Almost-Empty and Almost-Full flags with
default settings
• Half-Full flag capability
• Dual-Port zero fall-through time architecture
• Output enable puts output data bus in high-impedence state
• High-performance submicron CMOS technology
• Available in a 64-lead thin quad flatpack (TQFP/STQFP)
and plastic leaded chip carrier (PLCC)
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - 72235LB10PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72235LB10PFGI IDT-72235LB10PFGI Datasheet
338Kb / 16P
CMOS SyncFIFO
72235LB10PFGI8 IDT-72235LB10PFGI8 Datasheet
338Kb / 16P
CMOS SyncFIFO
More results


Similar Description - 72235LB10PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT72V3631 IDT-IDT72V3631 Datasheet
224Kb / 21P
3.3 VOLT CMOS SyncFIFOTM
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT723653 IDT-IDT723653_09 Datasheet
305Kb / 29P
CMOS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
72V3611 RENESAS-72V3611 Datasheet
253Kb / 20P
3.3 VOLT CMOS SyncFIFOTM 64 x 36
Feb.10.20
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
IDT723611 RENESAS-IDT723611 Datasheet
527Kb / 21P
CMOS SyncFIFOTM
FEBRUARY 2009
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
IDT723663 RENESAS-IDT723663 Datasheet
370Kb / 30P
CMOS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com