Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1415601 Datasheet (PDF) - PHOENIX CONTACT

1415601 Datasheet PDF - PHOENIX CONTACT
Part # 1415601
Download  1415601 Download
File Size   727.34 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-MSX/10,0-94S SCO RAIL - Network cable

1415601 Datasheet (PDF)

Go To PDF Page Download Datasheet
1415601 Datasheet PDF - PHOENIX CONTACT

Part # 1415601
Download  1415601 Click to download

File Size   727.34 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-MSX/10,0-94S SCO RAIL - Network cable

1415601 Datasheet (HTML) - PHOENIX CONTACT


1415601 Product details

Network cable, Ethernet CAT6A (10 Gbps), 8-position halogen-free, shielded, Plug straight M12,
coding: X SPEEDCON / IP67, on free cable end, cable length: 10 m

Your advantages
• Easy and safe: 100% electrically tested plug-in components
• Securely locked by special vibration brake
• Resistant to temperature influences – tested for an extended temperature range and for resistance to temperature shocks
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1415601

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415600 PHOENIX-1415600 Datasheet
729Kb / 22P
NBC-MSX/ 5,0-94S SCO RAIL - Network cable
1415602 PHOENIX-1415602 Datasheet
571Kb / 18P
SAC-4P- 5,0-PVC/M12FS-2L - Sensor/actuator cable
logo
Coherent Corp
1415602 COHERENT-1415602 Datasheet
621Kb / 7P
Diode Laser System
logo
C&D Technologies
1415604 CANDD-1415604 Datasheet
91Kb / 2P
Bobbin Type Inductors
logo
Murata Manufacturing Co...
1415604C MURATA-1415604C Datasheet
110Kb / 2P
Bobbin Type Inductors
More results


Similar Description - 1415601

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407341 PHOENIX-1407341 Datasheet
290Kb / 25P
Network cable - NBC-MSD/10,0-937 SCO RAIL
09/11/2020
1407483 PHOENIX-1407483 Datasheet
174Kb / 11P
Network cable - NBC-MSX/ 1,0-94F/MSX SCO
09/11/2020
1416189 PHOENIX-1416189 Datasheet
121Kb / 6P
Network cable - NBC-MSX/10,0-94S SCO
12/05/2018
1407359 PHOENIX-1407359 Datasheet
969Kb / 28P
Network cable - NBC-MSD/10,0-93E SCO
1407407 PHOENIX-1407407 Datasheet
956Kb / 28P
NBC-MS/10,0-94B SCO - Network cable
1415595 PHOENIX-1415595 Datasheet
461Kb / 15P
NBC-MSX/ 2,0-94S/MSX SCO RAIL - Network cable
1415598 PHOENIX-1415598 Datasheet
463Kb / 15P
NBC-MSX/ 5,0-94S/MSX SCO RAIL - Network cable
1415599 PHOENIX-1415599 Datasheet
722Kb / 21P
NBC-MSX/ 2,0-94S SCO RAIL - Network cable
1415600 PHOENIX-1415600 Datasheet
729Kb / 22P
NBC-MSX/ 5,0-94S SCO RAIL - Network cable
1407442 PHOENIX-1407442 Datasheet
956Kb / 28P
NBC-10,0-94B/FS SCO - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com