Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1415599 Datasheet (PDF) - PHOENIX CONTACT

1415599 Datasheet PDF - PHOENIX CONTACT
Part # 1415599
Download  1415599 Download
File Size   722.6 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-MSX/ 2,0-94S SCO RAIL - Network cable

1415599 Datasheet (PDF)

Go To PDF Page Download Datasheet
1415599 Datasheet PDF - PHOENIX CONTACT

Part # 1415599
Download  1415599 Click to download

File Size   722.6 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-MSX/ 2,0-94S SCO RAIL - Network cable

1415599 Datasheet (HTML) - PHOENIX CONTACT


1415599 Product details

Network cable, Ethernet CAT6A (10 Gbps), 8-position halogen-free, shielded, Plug straight M12,
coding: X SPEEDCON / IP67, on free cable end, cable length: 2 m

Your advantages
• Easy and safe: 100% electrically tested plug-in components
• Securely locked by special vibration brake
• Resistant to temperature influences – tested for an extended temperature range and for resistance to temperature shocks
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1415599

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415590 PHOENIX-1415590 Datasheet
568Kb / 18P
SAC-4P-M12MS/10,0-PVC - Sensor/actuator cable
1415591 PHOENIX-1415591 Datasheet
581Kb / 18P
SAC-4P-M12MR/1,5-PVC - Sensor/actuator cable
1415592 PHOENIX-1415592 Datasheet
581Kb / 18P
SAC-4P-M12MR/3,0-PVC - Sensor/actuator cable
1415593 PHOENIX-1415593 Datasheet
580Kb / 18P
SAC-4P-M12MR/5,0-PVC - Sensor/actuator cable
1415594 PHOENIX-1415594 Datasheet
576Kb / 18P
SAC-4P-M12MR/10,0-PVC - Sensor/actuator cable
More results


Similar Description - 1415599

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407483 PHOENIX-1407483 Datasheet
174Kb / 11P
Network cable - NBC-MSX/ 1,0-94F/MSX SCO
09/11/2020
1416189 PHOENIX-1416189 Datasheet
121Kb / 6P
Network cable - NBC-MSX/10,0-94S SCO
12/05/2018
1407339 PHOENIX-1407339 Datasheet
1Mb / 39P
NBC-MSD/ 2,0-937 SCO RAIL - Network cable
1415595 PHOENIX-1415595 Datasheet
461Kb / 15P
NBC-MSX/ 2,0-94S/MSX SCO RAIL - Network cable
1415601 PHOENIX-1415601 Datasheet
727Kb / 22P
NBC-MSX/10,0-94S SCO RAIL - Network cable
1415598 PHOENIX-1415598 Datasheet
463Kb / 15P
NBC-MSX/ 5,0-94S/MSX SCO RAIL - Network cable
1415600 PHOENIX-1415600 Datasheet
729Kb / 22P
NBC-MSX/ 5,0-94S SCO RAIL - Network cable
1407342 PHOENIX-1407342 Datasheet
721Kb / 25P
NBC-MSD/ 2,0-937/MSD SCO RAIL - Network cable
1407381 PHOENIX-1407381 Datasheet
950Kb / 28P
NBC- 2,0-93E/FSD SCO - Network cable
1407440 PHOENIX-1407440 Datasheet
956Kb / 28P
NBC- 2,0-94B/FS SCO - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com