Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBM1105 Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VBM1105 Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # VBM1105
Download  VBM1105 Download
File Size   696.58 Kbytes
Page   8 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 100 V (D-S) MOSFET

VBM1105 Datasheet (PDF)

Go To PDF Page Download Datasheet
VBM1105 Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # VBM1105
Download  VBM1105 Click to download

File Size   696.58 Kbytes
Page   8 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 100 V (D-S) MOSFET

VBM1105 Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VBM1105 Product details

FEATURES
• ThunderFET® power MOSFET
• Maximum 175 °C junction temperature
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see




Similar Part No. - VBM1105

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBM1105 VBSEMI-VBM1105 Datasheet
647Kb / 8P
N-Channel 100 V (D-S) MOSFET
VBM1105S VBSEMI-VBM1105S Datasheet
364Kb / 7P
N-Channel 100-V (D-S) Super Trench Power MOSFET
More results


Similar Description - VBM1105

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
N-Channel 100-V (D-S) MOSFET
25-Dec-01
logo
Guangdong Kexin Industr...
KI2328DS KEXIN-KI2328DS Datasheet
51Kb / 2P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4102DY VISHAY-SI4102DY Datasheet
209Kb / 4P
N-Channel 100-V (D-S) MOSFET
08-Oct-07
SI7454DP VISHAY-SI7454DP_06 Datasheet
196Kb / 4P
N-Channel 100-V (D-S) MOSFET
13-Feb-06
SI7456DDP VISHAY-SI7456DDP Datasheet
482Kb / 13P
N-Channel 100 V (D-S) MOSFET
21-May-12
logo
Analog Power
AM4490NE ANALOGPOWER-AM4490NE Datasheet
364Kb / 5P
N-Channel 100-V (D-S) MOSFET
AM90N10-23P ANALOGPOWER-AM90N10-23P Datasheet
129Kb / 3P
N-Channel 100-V (D-S) MOSFET
AM7412N ANALOGPOWER-AM7412N Datasheet
99Kb / 3P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4190DY-T1-GE3 VISHAY-SI4190DY-T1-GE3 Datasheet
271Kb / 10P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com