Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBM1105 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBM1105
Description  N-Channel 100 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBM1105 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBM1105 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBM1105 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBM1105 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBM1105 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBM1105 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBM1105 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBM1105 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBM1105 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
100
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.5
-
4
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 250
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
-
-
1
μA
VDS = 100 V, VGS = 0 V, TJ = 125 °C
-
-
150
VDS = 100 V, VGS = 0 V, TJ = 175 °C
-
-
5
mA
On-State Drain Current a
ID(on)
VDS  10 V, VGS = 10 V
120
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V, ID = 20 A
-
0.005
-
VGS = 7.5 V, ID = 15 A
-
0.006
-
Forward Transconductance a
gfs
VDS = 15 V, ID = 20 A
-
82
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V, VDS = 50 V, f = 1 MHz
-
10000
-
pF
Output Capacitance
Coss
-
2025
-
Reverse Transfer Capacitance
Crss
-
165
-
Total Gate Charge c
Qg
VDS = 50 V, VGS = 10 V, ID = 20 A
-76
120
nC
Gate-Source Charge c
Qgs
-23-
Gate-Drain Charge c
Qgd
-17-
Gate Resistance
Rg
f = 1 MHz
0.6
3.3
6.6
Turn-On Delay Time c
td(on)
VDD = 50 V, RL = 5 
ID  10 A, VGEN = 10 V, Rg = 1 
-15
30
ns
Rise Time c
tr
-22
40
Turn-Off Delay Time c
td(off)
-55
100
Fall Time c
tf
-15
30
Drain-Source Body Diode Ratings and Characteristics b (TC = 25 °C)
Pulsed Current
ISM
--
480
A
Forward Voltage a
VSD
IF = 10 A, VGS = 0 V
-
0.8
1.5
V
www.VBsemi.com
VBM1105
2
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com