Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA3-2406-5 Datasheet (PDF) - Renesas Technology Corp

HA3-2406-5 Datasheet PDF - Renesas Technology Corp
Part # HA3-2406-5
Download  HA3-2406-5 Download
File Size   511.6 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 30MHz, Digitally Selectable Four Channel Operational Amplifier

HA3-2406-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA3-2406-5 Datasheet PDF - Renesas Technology Corp

Part # HA3-2406-5
Download  HA3-2406-5 Click to download

File Size   511.6 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 30MHz, Digitally Selectable Four Channel Operational Amplifier

HA3-2406-5 Datasheet (HTML) - Renesas Technology Corp


HA3-2406-5 Product details

Features
• TTL Compatible Inputs
• Single Capacitor Compensation
• Low Crosstalk. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -110dB
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/s
• Low Offset Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 5nA
• Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7mV
• High Gain-Bandwidth . . . . . . . . . . . . . . . . . . . . . . . 30MHz
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 30M
• Compensation Pin for Unity Gain Capability




Similar Part No. - HA3-2406-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA3-2406-5 INTERSIL-HA3-2406-5 Datasheet
103Kb / 7P
30MHz, Digitally Selectable Four Channel Operational Amplifier
April 1999
HA3-2406-5 INTERSIL-HA3-2406-5 Datasheet
336Kb / 7P
30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
More results


Similar Description - HA3-2406-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
HA-2406 INTERSIL-HA-2406 Datasheet
103Kb / 7P
30MHz, Digitally Selectable Four Channel Operational Amplifier
April 1999
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
September 1999
HA-2444 INTERSIL-HA-2444 Datasheet
544Kb / 6P
50MHz, Selectable, Four Channel Video Operational Amplifier
November 1999
HA-2444883 INTERSIL-HA-2444883 Datasheet
47Kb / 7P
Selectable, Four Channel Video Operational Amplifier
August 1998
logo
Wuxi Youda electronics ...
YD324 YOUDA-YD324 Datasheet
94Kb / 4P
FOUR OPERATIONAL AMPLIFIER
logo
Intersil Corporation
CA3094 INTERSIL-CA3094_00 Datasheet
457Kb / 14P
30MHz, High Output Current Operational Transconductance Amplifier (OTA)
October 2000
HA-2406 INTERSIL-HA-2406_02 Datasheet
336Kb / 7P
30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
HS-2400RH INTERSIL-HS-2400RH_00 Datasheet
45Kb / 3P
Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
August 2000
logo
ELM Electronics
ELM381P ELM-ELM381P Datasheet
34Kb / 4P
Digitally selectable delays
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com