Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2444 Datasheet (PDF) - Intersil Corporation

HA-2444 Datasheet PDF - Intersil Corporation
Part # HA-2444
Download  HA-2444 Download
File Size   544.04 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50MHz, Selectable, Four Channel Video Operational Amplifier

HA-2444 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2444 Datasheet PDF - Intersil Corporation

Part # HA-2444
Download  HA-2444 Click to download

File Size   544.04 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50MHz, Selectable, Four Channel Video Operational Amplifier

HA-2444 Datasheet (HTML) - Intersil Corporation


HA-2444 Product details

The HA-2444 is a channel-selectable video op amp consisting of four differential inputs, a single-ended output, and digital control circuitry allowing two digital inputs to activate one of the four differential inputs. The HA-2444 also includes a high impedance output state allowing the outputs of multiple HA-2444s to be wire-OR’d. Functionally, the HA-2444 is equivalent to four wideband video op amps and a wideband multiplexer.

Features
• Digital Selection of Input Channel
• Unity Gain Stability
• Gain Flatness to 10MHz. . . . . . . . . . . . . . . . . . . . . . 0.1dB
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Fast Channel Selection . . . . . . . . . . . . . . . . . . . . . . 60ns
• Crosstalk Rejection . . . . . . . . . . . . . . . . . . . . . . . . . 60dB

Applications
• Video Multiplexer
• Programmable Gain Amplifier
• Special Effects Processors
• Video Distribution Systems
• Heads-up/Night Vision Displays
• Medical Imaging Systems
• Radar Video




Similar Part No. - HA-2444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2444/883 INTERSIL-HA-2444/883 Datasheet
47Kb / 7P
Selectable, Four Channel Video Operational Amplifier
August 1998
HA-2444883 INTERSIL-HA-2444883 Datasheet
47Kb / 7P
Selectable, Four Channel Video Operational Amplifier
August 1998
More results


Similar Description - HA-2444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2406 INTERSIL-HA-2406 Datasheet
103Kb / 7P
30MHz, Digitally Selectable Four Channel Operational Amplifier
April 1999
HA-2544 INTERSIL-HA-2544 Datasheet
853Kb / 11P
50MHz, Video Operational Amplifier
April 1999
HA-2444883 INTERSIL-HA-2444883 Datasheet
47Kb / 7P
Selectable, Four Channel Video Operational Amplifier
August 1998
logo
Wuxi Youda electronics ...
YD324 YOUDA-YD324 Datasheet
94Kb / 4P
FOUR OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
HA-2406 INTERSIL-HA-2406_02 Datasheet
336Kb / 7P
30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
HA-2544 INTERSIL-HA-2544_04 Datasheet
807Kb / 11P
50MHz, Video Operational Amplifier
July 2004
logo
ON Semiconductor
NCS2564 ONSEMI-NCS2564 Datasheet
220Kb / 15P
Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2010 ??Rev. 5
logo
Renesas Technology Corp
HA-2406 RENESAS-HA-2406 Datasheet
511Kb / 7P
30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com