Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2544 Datasheet (PDF) - Intersil Corporation

HA-2544 Datasheet PDF - Intersil Corporation
Part # HA-2544
Download  HA-2544 Download
File Size   853.26 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50MHz, Video Operational Amplifier

HA-2544 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2544 Datasheet PDF - Intersil Corporation

Part # HA-2544
Download  HA-2544 Click to download

File Size   853.26 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50MHz, Video Operational Amplifier

HA-2544 Datasheet (HTML) - Intersil Corporation


HA-2544 Product details

The HA-2544 is a fast, unity gain stable, monolithic op amp designed to meet the needs required for accurate reproduction of video or high speed signals. It offers high voltage gain (6kV/V) and high phase margin (65 degrees) while maintaining tight gain flatness over the video bandwidth. Built from high quality Dielectric Isolation, the HA-2544 is another addition to the Intersil series of high speed, wideband op amps, and offers true video performance combined with the versatility of an op amp.

Features
• Gain Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . 50MHz
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . 150V/µs
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
• Differential Gain Error. . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase Error . . . . . . . . . . . . . . . . 0.03 Degrees
• Gain Flatness at 10MHz. . . . . . . . . . . . . . . . . . . . . 0.12dB

Applications
• Video Systems
• Video Test Equipment
• Radar Displays
• Data Acquisition Systems
• Imaging Systems
• Pulse Amplifiers
• Signal Conditioning Circuits




Similar Part No. - HA-2544

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2544 INTERSIL-HA-2544 Datasheet
807Kb / 11P
50MHz, Video Operational Amplifier
July 2004
HA-2544/883 INTERSIL-HA-2544/883 Datasheet
44Kb / 5P
Video Operational Amplifier
July 1994
HA-2544883 INTERSIL-HA-2544883 Datasheet
44Kb / 5P
Video Operational Amplifier
July 1994
HA-2544 INTERSIL-HA-2544_04 Datasheet
807Kb / 11P
50MHz, Video Operational Amplifier
July 2004
More results


Similar Description - HA-2544

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
Fast Settling Video Operational Amplifier
logo
Maxim Integrated Produc...
MAX404 MAXIM-MAX404 Datasheet
239Kb / 8P
Video Operational Amplifier
Rev 0; 7/91
logo
Intersil Corporation
HA-2444 INTERSIL-HA-2444 Datasheet
544Kb / 6P
50MHz, Selectable, Four Channel Video Operational Amplifier
November 1999
HA-2544883 INTERSIL-HA-2544883 Datasheet
44Kb / 5P
Video Operational Amplifier
July 1994
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
HA-2544 INTERSIL-HA-2544_04 Datasheet
807Kb / 11P
50MHz, Video Operational Amplifier
July 2004
logo
SG Micro Corp
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
50MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
Video Power Operational Amplifier
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com