Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1213A Datasheet (PDF) - Belden Inc.

1213A Datasheet PDF - Belden Inc.
Part # 1213A
Download  1213A Download
File Size   151.46 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Instrument Medical Interconnect, #26-8c, TC, PVC, O/A Foil, PVC Jkt, CL2X

1213A Datasheet (PDF)

Go To PDF Page Download Datasheet
1213A Datasheet PDF - Belden Inc.

Part # 1213A
Download  1213A Click to download

File Size   151.46 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Instrument Medical Interconnect, #26-8c, TC, PVC, O/A Foil, PVC Jkt, CL2X

1213A Datasheet (HTML) - Belden Inc.


1213A Product details

Product Description
Computer, Instrument & Medical Interconnect, 26 AWG stranded (7x34) tinned copper conductors, PVC insulation, Duofoil® shield (100% coverage), 26 AWG
stranded tinned copper drain wire, PVC jacket.




Similar Part No. - 1213A

ManufacturerPart #DatasheetDescription
logo
APEM
1213A1 APEM-1213A1 Datasheet
1Mb / 6P
Momentary pushbutton switches • round plunger
1213A1X209 APEM-1213A1X209 Datasheet
1Mb / 6P
Momentary pushbutton switches • round plunger
1213A1X209L APEM-1213A1X209L Datasheet
1Mb / 6P
Momentary pushbutton switches • round plunger
1213A2 APEM-1213A2 Datasheet
1Mb / 6P
Momentary pushbutton switches • round plunger
1213A2X209 APEM-1213A2X209 Datasheet
1Mb / 6P
Momentary pushbutton switches • round plunger
More results


Similar Description - 1213A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9302 BELDEN-9302 Datasheet
142Kb / 2P
Audio, Control & Instrument, #22-2pr, PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
9305 BELDEN-9305 Datasheet
146Kb / 2P
Audio, Control & Instrument, #22-4pr, PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
9309 BELDEN-9309 Datasheet
154Kb / 2P
Audio, Control & Instrument, #22-9pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
9315 BELDEN-9315 Datasheet
156Kb / 3P
Audio, Control & Instrument, #22-15pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
9319 BELDEN-9319 Datasheet
152Kb / 2P
Audio, Control & Instrument, #22-19pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
1211A BELDEN-1211A Datasheet
150Kb / 2P
Instrument Medical Interconnect, #26-4c, TC, PVC, O/A Foil, PVC Jkt, CL2X
01-20-2023
1212A BELDEN-1212A Datasheet
142Kb / 2P
Instrument Medical Interconnect, #26-6c, TC, PVC, O/A Foil, PVC Jkt, CL2X
05-05-2023
1214A BELDEN-1214A Datasheet
141Kb / 2P
Instrument Medical Interconnect, #26-16c, TC, PVC, O/A Foil, PVC Jkt, CL2X
05-05-2023
9613 BELDEN-9613 Datasheet
156Kb / 2P
RS232, #24-8c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
9538 BELDEN-9538 Datasheet
206Kb / 2P
RS232, #24-8c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com