Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1214A Datasheet (PDF) - Belden Inc.

1214A Datasheet PDF - Belden Inc.
Part # 1214A
Download  1214A Download
File Size   141.16 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Instrument Medical Interconnect, #26-16c, TC, PVC, O/A Foil, PVC Jkt, CL2X

1214A Datasheet (PDF)

Go To PDF Page Download Datasheet
1214A Datasheet PDF - Belden Inc.

Part # 1214A
Download  1214A Click to download

File Size   141.16 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Instrument Medical Interconnect, #26-16c, TC, PVC, O/A Foil, PVC Jkt, CL2X

1214A Datasheet (HTML) - Belden Inc.


1214A Product details

Product Description
Computer, Instrument & Medical Interconnect, 26 AWG stranded (7x34) tinned copper conductors, PVC insulation, Duofoil® shield (100% coverage), 26 AWG
stranded tinned copper drain wire, PVC jacket.




Similar Part No. - 1214A

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
1214 YANTEL-1214 Datasheet
455Kb / 2P
Variable RF Inductor
logo
Heyco.
1214 HEYCO-1214 Datasheet
91Kb / 1P
Original Strain Relief Bushings
logo
ASSUN MOTOR Pte Ltd.
1214 ASSUN-1214 Datasheet
229Kb / 1P
STANDARD SERIES
2023-A
1214 ASSUN-1214 Datasheet
4Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
logo
Adafruit Industries
1214 ADAFRUIT-1214 Datasheet
63Kb / 2P
Adafruit Perma-Proto Small Mint Tin Size Breadboard PCB - 3 pack
More results


Similar Description - 1214A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9302 BELDEN-9302 Datasheet
142Kb / 2P
Audio, Control & Instrument, #22-2pr, PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
9305 BELDEN-9305 Datasheet
146Kb / 2P
Audio, Control & Instrument, #22-4pr, PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
9306 BELDEN-9306 Datasheet
147Kb / 2P
Audio, Control & Instrument, #22-6pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
9309 BELDEN-9309 Datasheet
154Kb / 2P
Audio, Control & Instrument, #22-9pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
9315 BELDEN-9315 Datasheet
156Kb / 3P
Audio, Control & Instrument, #22-15pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
9319 BELDEN-9319 Datasheet
152Kb / 2P
Audio, Control & Instrument, #22-19pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
9414 BELDEN-9414 Datasheet
145Kb / 2P
Audio, Control & Instrument, #22-1pr, SR-PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
1211A BELDEN-1211A Datasheet
150Kb / 2P
Instrument Medical Interconnect, #26-4c, TC, PVC, O/A Foil, PVC Jkt, CL2X
01-20-2023
1212A BELDEN-1212A Datasheet
142Kb / 2P
Instrument Medical Interconnect, #26-6c, TC, PVC, O/A Foil, PVC Jkt, CL2X
05-05-2023
1213A BELDEN-1213A Datasheet
151Kb / 2P
Instrument Medical Interconnect, #26-8c, TC, PVC, O/A Foil, PVC Jkt, CL2X
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com